Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

538256 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 538256
Description  Proximity sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

538256 Datasheet(HTML) 1 Page - Festo Corporation.

  538256 Datasheet HTML 1Page - Festo Corporation. 538256 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Proximity sensor
SIEH-M18B-PS-K-L-CR
Part number: 538256
Data sheet
Feature
Value
Type code
SIEH
Conforms to standard
EN 60947-5-2
Symbol
00991702
Certification
RCM compliance mark
c UL us - Listed (OL)
CE marking (see declaration of conformity)
As per EU EMC directive
Note on materials
Free of copper and PTFE
Rated operating distance
10 mm
Assured operating distance
8.1 mm
Reduction factors
Aluminum = 1.0
Stainless steel, 1 mm thick = 0.4
Stainless steel, 2 mm thick = 0.8
Copper = 0.8
Brass = 1.3
Steel St 37 = 1.0
Ambient temperature
-25 °C ... 70 °C
Switching output
PNP
Switching element function
N/O contact
Reproducibility, switching value FS
0.5 mm
Hysteresis
≤1.22 mm
Max. switching frequency
200 Hz
Max. output current
200 mA
Voltage drop
2 V
Inductive protective circuit
Installed
Output current < 100 mA
and switching frequency < 10 Hz
Short-circuit protection
Pulsed
DC operating voltage range
10 V ... 30 V
Residual ripple
20 %
Idle current
<12 mA
Reverse polarity protection
for all electrical connections
Electrical connection
3-wire
Cable
Material of cable sheath
TPE-U(PUR)
Size
M18
Type of mounting
With lock nut
Mounting type
Flush
Product weight
115 g
5/6/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 538256

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
538251 FESTO-538251 Datasheet
112Kb / 2P
Proximity sensor
538252 FESTO-538252 Datasheet
103Kb / 2P
Proximity sensor
538253 FESTO-538253 Datasheet
112Kb / 2P
Proximity sensor
538254 FESTO-538254 Datasheet
103Kb / 2P
Proximity sensor
538255 FESTO-538255 Datasheet
117Kb / 2P
Proximity sensor
More results

Similar Description - 538256

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
logo
OSRAM GmbH
SFH7741 OSRAM-SFH7741 Datasheet
334Kb / 17P
Proximity Sensor
logo
Festo Corporation.
543876 FESTO-543876 Datasheet
82Kb / 2P
Proximity sensor
546799 FESTO-546799 Datasheet
81Kb / 2P
Proximity sensor
574339 FESTO-574339 Datasheet
87Kb / 2P
Proximity sensor
574342 FESTO-574342 Datasheet
91Kb / 2P
Proximity sensor
574380 FESTO-574380 Datasheet
85Kb / 2P
Proximity sensor
2427615 FESTO-2427615 Datasheet
87Kb / 2P
Proximity sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com