Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

538256 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 538256
Description  Proximity sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

538256 Datasheet(HTML) 2 Page - Festo Corporation.

  538256 Datasheet HTML 1Page - Festo Corporation. 538256 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Housing material
High-alloy steel
Switching status indication
LED yellow
Ambient temperature with flexible cable installation
-5 °C ... 70 °C
Degree of protection
IP67
IP69K
Resistance to sensor fitting pressure
60 bar
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Selection of additional sensor information
With increased switching distance
Electrical output
PNP
Selection of sensor version
Fully stainless steel housing
5/6/21 - Subject to change - Festo AG & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com