Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS-P-4AA-F/Q Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # MFS-P-4AA-F/Q
Description  Plug-in Signal Conditioners M-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MFS-P-4AA-F/Q Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  MFS-P-4AA-F/Q Datasheet HTML 1Page - M-System Co.,Ltd. MFS-P-4AA-F/Q Datasheet HTML 2Page - M-System Co.,Ltd. MFS-P-4AA-F/Q Datasheet HTML 3Page - M-System Co.,Ltd. MFS-P-4AA-F/Q Datasheet HTML 4Page - M-System Co.,Ltd. MFS-P-4AA-F/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: MFS
MFS SPECIFICATIONS
ES-1379 Rev.13 Page 3/5
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
5
6
7
8
2
1
11
10
50 (1.97)
107 (4.21)
136 (5.35)
[3.3 (.13)]
40 (1.57)
50 (1.97)
7.8 (.31)
CLAMP
(top & bottom)
DIN RAIL
35mm wide
2–4.5 (.18) dia.
MTG HOLE
25 (.98) deep
11–M3.5
SCREW
• When mounting, no extra space is needed between units.
3
9
4
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
5
6
3
4
1
2
9
R1
R2
7
8
10
11
5
6
3
4
1
2
9
R1
R2
7
8
10
11
COM
■ CURRENT OUTPUT
■ VOLTAGE OUTPUT
+
–
+
–
+
–
+
–
U(+)
V(–)
U(+)
V(–)
POWER
POWER
Base Socket
Base Socket
INPUT
INPUT
OUTPUT 1
OUTPUT 1
OUTPUT 2
OUTPUT 2
+
–
+
–
250 :
+
+
–
–
+
+
Output 1
Adj.
Output 1
Adj.
Output 2
Adj.
Output 2
Adj.
OUT.1 MONITOR
OUT.1 MONITOR
OUT.2 MONITOR
M1
M2
OUT.2 MONITOR
M1
M2
Output
Driver
Output
Driver
Output
Driver
Output
Driver



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com