Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS-P-4AA-F/Q Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # MFS-P-4AA-F/Q
Description  Plug-in Signal Conditioners M-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MFS-P-4AA-F/Q Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  MFS-P-4AA-F/Q Datasheet HTML 1Page - M-System Co.,Ltd. MFS-P-4AA-F/Q Datasheet HTML 2Page - M-System Co.,Ltd. MFS-P-4AA-F/Q Datasheet HTML 3Page - M-System Co.,Ltd. MFS-P-4AA-F/Q Datasheet HTML 4Page - M-System Co.,Ltd. MFS-P-4AA-F/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: MFS
MFS SPECIFICATIONS
ES-1379 Rev.13 Page 4/5
http://www.m-system.co.jp/
OPERATION DIAGRAM
100
0
0
62.5
100
37.5
INPUT (%)
A
A’
B’
B
Limit of Input Range Adjustment (0 – 62.5%)
for 0% Output 1 (Direct Acting)
Limit of Input Range Adjustment (37.5 – 100%)
for 0% Output 2 (Direct Acting)
SOLID LINE : example of I/O characteristics
BROKEN LINE : limit of adjustable range
POINT A : input set for 0% Output 1
LINE A - A
’ : I/O characteristics for Output 1
POINT B : input set for 100% Output 2
LINE B - B
’ : I/O characteristics for Output 2
CAUTION
Output is not forcibly limited within 0 to 100%.
100
0
0
62.5
100
37.5
INPUT (%)
A
A’
B
B’
Limit of Input Range Adjustment (0 – 62.5%)
for 0% Output 1 (Direct Acting)
Limit of Input Range Adjustment (37.5 – 100%)
for 0% Output 2 (Reverse Acting)
SOLID LINE : example of I/O characteristics
BROKEN LINE : limit of adjustable range
POINT A : input set for 0% Output 1
LINE A - A
’ : I/O characteristics for Output 1
POINT B : input set for 0% Output 2
LINE B - B
’ : I/O characteristics for Output 2
CAUTION
Output is not forcibly limited within 0 to 100%.
■ V-SHAPE CHARACTERISTICS (model: MFS-V)
•Input Range Adjustment
1. For current output, connect an ammeter to output 1 monitor terminals.
Current signal is measured at both ends of a diode inserted in series to the output 1 driver.
Input resistance of the ammeter must be 10Ω at the maximum to ensure accurate measurement.
For voltage output, connect a voltmeter across the common and output 1 monitor (+) terminals.
2. Apply an input signal desired for 0% output. (within 0 – 62.5%)
3. Turn output 1 adjustment until 0% output is monitored.
4. Adjust output 2 the same way as output 1. Allowable input range for 0% output is 37.5 – 100%.
Input signals for 100% output are fixed to 100% for output 1, 0% for output 2.
■ PARALLEL CHARACTERISTICS (model: MFS-P)
•Input Range Adjustment
1. For current output, connect an ammeter to output 1 monitor terminals.
Current signal is measured at both ends of a diode inserted in series to output 1 driver.
Input resistance of the ammeter must be 10Ω at the maximum to ensure accurate measurement.
For voltage output, connect a voltmeter across the common and output 1 monitor (+) terminals.
2. Apply an input signal desired for 0% output. (within 0 – 62.5%)
3. Turn output 1 adjustment until 0% output is monitored.
Proceed to output 2 adjustment.
4. Connect an ammeter or voltmeter to output 2 monitor terminal.
5. Apply input signal required for 100% output. (within 37.5 – 100%)
6. Turn output 2 adjustment until 100% output is monitored.
For output 1, input signal for 100% output is fixed to 100%, while for output 2, input signal for 0% output is fixed to 0%.
←
←



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com