Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXS Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MXS
Description  Plug-in Signal Conditioners MX-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MXS Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MXS Datasheet HTML 1Page - M-System Co.,Ltd. MXS Datasheet HTML 2Page - M-System Co.,Ltd. MXS Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: MXS
MXS SPECIFICATIONS
ES-1739 Rev.6 Page 1/3
http://www.m-system.co.jp/
Plug-in Signal Conditioners MX-UNIT
SELF-SYNCH TRANSMITTER
(front configurable)
Functions & Features
• Converts position signals from a self-synchronizing motor
into a DC signal proportional to the rotating shaft position
• Linearization
• 0 % and 100 % input range can be easily selected with the
front keys
• Field selectable output range
• Loop test output
• Isolation up to 2000 V AC
• High-density mounting
Typical Applications
• Position indicator using self-synch
• Tank gauge
• Sounding level meter
50
(1.97)
123
(4.84)
80
(3.15)
mm (inch)
MODEL: MXS–1[1]–[2][3]
ORDERING INFORMATION
• Code number: MXS-1[1]-[2][3]
Specify a code from below for each of [1] through [3].
(e.g. MXS-1V1-K/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01/SET)
INPUT
1: Self-synch signal
[1] OUTPUT
Current
Z1: Range 0 – 20 mA DC (Load resistance 600Ω max.)
Voltage
V1: Range -1 – +1 V DC (Load resistance 1000Ω min.)
V2: Range -10 – +10 V DC (Load resistance 10kΩ min.)
[2] POWER INPUT
AC Power
K: 85 – 132 V AC
(Operational voltage range 85 – 132 V, 47 – 66 Hz)
L: 170 – 264 V AC
(Operational voltage range 170 – 264 V, 47 – 66 Hz)
[3] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-1739)
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Linearization: Max. 32 points
Programming: Via front keys
· Angle offset
· Linearization
· Zero/span adjustments
• Moving average
• etc...
(Refer to the instruction manual for detailed information)
■ DISPLAY
LED: 8 mm (.31”) 7 segment, red
Number of display digits: 4 digits for DATA display; 2 digits
for ITEM display
PV indication: Input signal in engineering unit
Overrange indication: LEDs blinking
Power saving mode: Displays turn off if the keys are
untouched for a preset time period
LEDs: Red; the PL1 turns on with negative polarity and the
PL2 with programming error.


Similar Part No. - MXS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MXS6532 ETC-MXS6532 Datasheet
420Kb / 10P
6532 (MEMORY, 110, TIMER ARRAY)
logo
MEMSIC Semiconductor (T...
MXS7205VW MEMSIC-MXS7205VW Datasheet
282Kb / 12P
Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.C
logo
Sensata Technologies, I...
MXSA SENSATA-MXSA Datasheet
529Kb / 3P
Automatic trip function 350 amp and 600 amp versions
MXSB SENSATA-MXSB Datasheet
436Kb / 3P
350 amp and 600 amp versions
MXSL15 SENSATA-MXSL15 Datasheet
440Kb / 3P
350 Amp Voltage Monitoring Latching Contactor
More results

Similar Description - MXS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MXCB MSYSTEM-MXCB Datasheet
183Kb / 6P
Plug-in Signal Conditioners MX-UNIT
MXAP MSYSTEM-MXAP Datasheet
153Kb / 5P
Plug-in Signal Conditioners MX-UNIT
MXAB MSYSTEM-MXAB Datasheet
194Kb / 7P
Plug-in Signal Conditioners MX-UNIT
MXV MSYSTEM-MXV Datasheet
114Kb / 3P
Plug-in Signal Conditioners MX-UNIT
MXT MSYSTEM-MXT Datasheet
137Kb / 4P
Plug-in Signal Conditioners MX-UNIT
MXR MSYSTEM-MXR Datasheet
126Kb / 3P
Plug-in Signal Conditioners MX-UNIT
MXMS MSYSTEM-MXMS Datasheet
114Kb / 3P
Plug-in Signal Conditioners MX-UNIT
MXLCF MSYSTEM-MXLCF Datasheet
119Kb / 4P
Plug-in Signal Conditioners MX-UNIT
MXLC MSYSTEM-MXLC Datasheet
118Kb / 3P
Plug-in Signal Conditioners MX-UNIT
MXF MSYSTEM-MXF Datasheet
114Kb / 3P
Plug-in Signal Conditioners MX-UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com