Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXS Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MXS
Description  Plug-in Signal Conditioners MX-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MXS Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MXS Datasheet HTML 1Page - M-System Co.,Ltd. MXS Datasheet HTML 2Page - M-System Co.,Ltd. MXS Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: MXS
MXS SPECIFICATIONS
ES-1739 Rev.6 Page 2/3
http://www.m-system.co.jp/
INPUT SPECIFICATIONS
Measurement range: 0 – 360°
Minimum span: 60°
Input setting min. step: 0.1°
Input resistance: 1 MΩ min.
Rated input voltage: 90 V AC
Default setting: 270°
OUTPUT SPECIFICATIONS
■ DC Current: 0.0 – 20.0 mA DC
Operational range: 0.0 – 24.0 mA DC
Minimum increment: 0.1 mA
Default setting: 4.0 – 20.0 mA DC
■ DC Voltage
Code V1: -1.00 – +1.00 V DC
Operational range: -1.15 – +1.15 V DC
Minimum increment: 10 mV
Code V2: -10.0 – +10.0 V DC
Operational range: -11.5 – +11.5 V DC
Minimum increment: 100 mV
Note: Set to the 100 % output with a larger value than the
0 % output value.
Default setting:
Code V1: -1.00 – +1.00 V DC
Code V2: -10.0 – +10.0 V DC
INSTALLATION
Power consumption
•AC: Approx. 6 VA
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 450 g (0.99 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.1 % or ±0.3°, whichever is greater.
Required conditions to ensure the accuracy: Input span
angle ≥ 60°; Output ≥ 20 % of selectable range
Display accuracy: Accuracy ±1 digit
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F) of max. span
Response time: ≤1 sec. (0 – 90 %) with no moving average
setting
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com