Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDC Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MDC
Description  Plug-in Signal Conditioners M-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDC Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MDC Datasheet HTML 1Page - M-System Co.,Ltd. MDC Datasheet HTML 2Page - M-System Co.,Ltd. MDC Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: MDC
MDC SPECIFICATIONS
ES-9222 Rev.5 Page 1/3
http://www.m-system.co.jp/
Plug-in Signal Conditioners M-UNIT
EXCITATION SUPPLY
Functions & Features
• Highly regulated DC power supply
• Output voltage fully adjustable over its entire span
• MDC-3 features separate regulated and unregulated
outputs
• Powering up to three standard 4 – 20 mA loops
simultaneously
• Shortcircuit protection
• Highdensity mounting
Typical Applications
• Strain gauge bridge excitation
• Voltage reference and general-purpose power supply
needs
• Various 2-wire transmitters
50
(1.97)
127
(5)
80
(3.15)
mm (inch)
MODEL: MDC–[1]–[2][3]
ORDERING INFORMATION
• Code number: MDC–[1]–[2][3]
Specify a code from below for each of [1] through [3].
(e.g. MDC-1-B/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01/SET)
[1] SUPPLY OUTPUT
1: 3 – 15 V DC adjustable
2: 5 – 30 V DC adjustable
3: 24 V DC regulated and 40 V DC unregulated
[2] POWER INPUT
AC Power
B: 100 V AC
C: 110 V AC
D: 115 V AC
F: 120 V AC
G: 200 V AC
H: 220 V AC
J: 240 V AC
[3] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-9222)
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Output to power
SUPPLY OUTPUT
• Output voltage:
MDC-1: 3 – 15 V DC (adjustable on front)
(If not specified the default value is used 12V DC)
MDC-2: 5 – 30 V DC (adjustable on front)
(If not specified the default value is used 24V DC)
MDC-3: 24 V DC regulated and 40 V DC unregulated
Load current:
MDC-1, -2: ≤ 50 mA
MDC-3: ≤ 65 mA (for the total of both outputs)
• Shortcircuit Protection
MDC-1, -2
Current limited: 65 mA max.
Protected time duration: No limit
MDC-3
Current limited: 85 mA max. at 24 V
Protected time duration: No limit
INSTALLATION
Power input
•AC: Rating ±10 %, 50/60 ±2 Hz
Approx. 2 VA for MDC-1
Approx. 3.5 VA for MDC-2, -3
Operating temperature: -5 to +60°C (23 to 140°F)


Similar Part No. - MDC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDC ETC-MDC Datasheet
140Kb / 1P
Dry-Type Multiple-Disk EM Clutch
MDC-1.2 ETC-MDC-1.2 Datasheet
140Kb / 1P
Dry-Type Multiple-Disk EM Clutch
MDC-10 ETC-MDC-10 Datasheet
140Kb / 1P
Dry-Type Multiple-Disk EM Clutch
MDC-14 ETC-MDC-14 Datasheet
1Mb / 1P
FIBER DUCT KIT
logo
Tyco Electronics
MDC-162 MACOM-MDC-162 Datasheet
144Kb / 3P
Termination-Insensitive Mixer 1 - 7 GHz
More results

Similar Description - MDC

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AS4V MSYSTEM-AS4V Datasheet
159Kb / 3P
Plug-in Signal Conditioners M-UNIT
AS4LC MSYSTEM-AS4LC Datasheet
150Kb / 4P
Plug-in Signal Conditioners M-UNIT
DS48 MSYSTEM-DS48 Datasheet
103Kb / 3P
Plug-in Signal Conditioners M-UNIT
DA3 MSYSTEM-DA3 Datasheet
179Kb / 7P
Plug-in Signal Conditioners M-UNIT
CTH MSYSTEM-CTH Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
CTC MSYSTEM-CTC Datasheet
192Kb / 6P
Plug-in Signal Conditioners M-UNIT
JUA MSYSTEM-JUA Datasheet
183Kb / 5P
Plug-in Signal Conditioners M-UNIT
JRP2 MSYSTEM-JRP2 Datasheet
156Kb / 5P
Plug-in Signal Conditioners M-UNIT
JPA2 MSYSTEM-JPA2 Datasheet
142Kb / 5P
Plug-in Signal Conditioners M-UNIT
LCF MSYSTEM-LCF Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com