Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDC-162 Datasheet (PDF) - Tyco Electronics

MDC-162 Datasheet PDF - Tyco Electronics
Part # MDC-162
Download  MDC-162 Download
File Size   144.37 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Termination-Insensitive Mixer 1 - 7 GHz

MDC-162 Datasheet (PDF)

Go To PDF Page Download Datasheet
MDC-162 Datasheet PDF - Tyco Electronics

Part # MDC-162
Download  MDC-162 Click to download

File Size   144.37 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Termination-Insensitive Mixer 1 - 7 GHz

MDC-162 Datasheet (HTML) - Tyco Electronics


MDC-162 Product details

Description

The unique design of the termination insensitive mixer (TIM) enables it to apply high reverse voltage to diodes during their “off” phase, in the LO cycle. This allows for higher power level performance with minimum distortion. In addition the TIM has internal loads that provide a good match and also absorb mixer generated LO frequency terms. Combined, these features give the mixer its insensitivity to external mismatches, plus superior VSWR.



Features

• Intermodulation Ratio Insensitive to

IF Ports Mismatches

• Conversion Loss: 6 dB Typical Midband

• Impedance: 50 Ohms Nominal

• Maximum Input Power: 350 mW max. @ 25°C, Derated 3.5 mW/°C

• Low Power: +24 dBm Max.

• MIL-STD-883 Screening Available



 




Similar Part No. - MDC-162

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MDC-162 MA-COM-MDC-162 Datasheet
80Kb / 3P
Termination-Insensitive Mixer, 1 - 7 GHz
MDC-162 MA-COM-MDC-162 Datasheet
80Kb / 3P
Termination-Insensitive Mixer
MDC-162 MA-COM-MDC-162_15 Datasheet
80Kb / 3P
Termination-Insensitive Mixer
More results


Similar Description - MDC-162

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MDS-169 MACOM-MDS-169 Datasheet
248Kb / 4P
Termination Insensitive Mixer, 1 MHz - 3.5 GHz
MDC-163 MACOM-MDC-163 Datasheet
143Kb / 3P
Termination-Insensitive Biasable Mixer, 1 - 6 GHz
MDC-164 MACOM-MDC-164 Datasheet
142Kb / 3P
Termination-Insensitive Mixer 0.5 - 9 GHz
MD-169 MACOM-MD-169 Datasheet
168Kb / 4P
Termination Insensitive Mixer, 1 MHz - 3.5 GHz
logo
M/A-COM Technology Solu...
MD-169 MA-COM-MD-169 Datasheet
105Kb / 4P
Termination Insensitive Mixer, 1 MHz - 3.5 GHz
MDC-162 MA-COM-MDC-162 Datasheet
80Kb / 3P
Termination-Insensitive Mixer, 1 - 7 GHz
MDC-163 MA-COM-MDC-163 Datasheet
80Kb / 3P
Termination-Insensitive Biasable Mixer, 1 - 6 GHz
MDC-164 MA-COM-MDC-164 Datasheet
79Kb / 3P
Termination-Insensitive Mixer, Termination-Insensitive Mixer,
CSM4T MA-COM-CSM4T Datasheet
100Kb / 3P
Termination Insensitive Mixer
MD-MDC-MDS-169 MA-COM-MD-MDC-MDS-169_15 Datasheet
105Kb / 4P
Termination Insensitive Mixer
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com