Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDC-162 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MDC-162 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MDC-162
Download  MDC-162 Download
File Size   80.91 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Termination-Insensitive Mixer, 1 - 7 GHz

MDC-162 Datasheet (PDF)

Go To PDF Page Download Datasheet
MDC-162 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MDC-162
Download  MDC-162 Click to download

File Size   80.91 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Termination-Insensitive Mixer, 1 - 7 GHz

MDC-162 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MDC-162 Product details

Description

The unique design of the termination insensitive mixer (TIM) enables it to apply high reverse voltage to diodes during their “off” phase, in the LO cycle. This allows for higher power level performance with minimum distortion. In addition the TIM has internal loads that provide a good match and also absorb mixer generated LO frequency terms. Combined, these features give the mixer its insensitivity to external mismatches, plus superior VSWR.



Features

• Intermodulation Ratio Insensitive to IF Ports Mismatches

• Conversion Loss: 6 dB Typical Midband

• Impedance: 50 Ohms Nominal

• Maximum Input Power: 350 mW max. @ 25°C, Derated 3.5 mW/°C

• Low Power: +24 dBm Max.

• MIL-STD-883 Screening Available



 




Similar Part No. - MDC-162

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MDC-162 MACOM-MDC-162 Datasheet
144Kb / 3P
Termination-Insensitive Mixer 1 - 7 GHz
logo
M/A-COM Technology Solu...
MDC-162 MA-COM-MDC-162 Datasheet
80Kb / 3P
Termination-Insensitive Mixer
logo
Tyco Electronics
MDC-162SMA MACOM-MDC-162SMA Datasheet
144Kb / 3P
Termination-Insensitive Mixer 1 - 7 GHz
logo
M/A-COM Technology Solu...
MDC-162 MA-COM-MDC-162_15 Datasheet
80Kb / 3P
Termination-Insensitive Mixer
More results


Similar Description - MDC-162

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MDS-169 MACOM-MDS-169 Datasheet
248Kb / 4P
Termination Insensitive Mixer, 1 MHz - 3.5 GHz
MDC-162 MACOM-MDC-162 Datasheet
144Kb / 3P
Termination-Insensitive Mixer 1 - 7 GHz
MDC-163 MACOM-MDC-163 Datasheet
143Kb / 3P
Termination-Insensitive Biasable Mixer, 1 - 6 GHz
MDC-164 MACOM-MDC-164 Datasheet
142Kb / 3P
Termination-Insensitive Mixer 0.5 - 9 GHz
MD-169 MACOM-MD-169 Datasheet
168Kb / 4P
Termination Insensitive Mixer, 1 MHz - 3.5 GHz
logo
M/A-COM Technology Solu...
MD-169 MA-COM-MD-169 Datasheet
105Kb / 4P
Termination Insensitive Mixer, 1 MHz - 3.5 GHz
MDC-163 MA-COM-MDC-163 Datasheet
80Kb / 3P
Termination-Insensitive Biasable Mixer, 1 - 6 GHz
MDC-164 MA-COM-MDC-164 Datasheet
79Kb / 3P
Termination-Insensitive Mixer, Termination-Insensitive Mixer,
CSM4T MA-COM-CSM4T Datasheet
100Kb / 3P
Termination Insensitive Mixer
MD-MDC-MDS-169 MA-COM-MD-MDC-MDS-169_15 Datasheet
105Kb / 4P
Termination Insensitive Mixer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com