Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDS-169 Datasheet (PDF) - Tyco Electronics

MDS-169 Datasheet PDF - Tyco Electronics
Part # MDS-169
Download  MDS-169 Download
File Size   248.02 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Termination Insensitive Mixer, 1 MHz - 3.5 GHz

MDS-169 Datasheet (PDF)

Go To PDF Page Download Datasheet
MDS-169 Datasheet PDF - Tyco Electronics

Part # MDS-169
Download  MDS-169 Click to download

File Size   248.02 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Termination Insensitive Mixer, 1 MHz - 3.5 GHz

MDS-169 Datasheet (HTML) - Tyco Electronics


MDS-169 Product details

Description
The unique design of the termination insensitive mixer (TIM) enables it to apply high reverse voltage to diodes during their “off” phase, in the LO cycle. This allows for higher power level performance with minimum distortion. In addition the TIM has internal loads that provide a good match and also absorb mixer generated LO frequency terms. Combined, thes e f eatures give the m ix er its insensitivity to external mismatches, plus superior VSWR.

Features
• Intermodulation Ratio is Insensitive to Port Mismatches
• VSWR: <2.0:1 Typical Midband
• Isolation: 35 dB Typical Midband
• Impedance: 50 Ohms Nominal
• Maximum Input Power: 350 mW Max @ 25°C, Derated to 85°C @ 3.2 mW/°C
• LO Power: +24 dBm Max.
• MIL-STD-883 Screening Available




Similar Part No. - MDS-169

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MDS-169 MACOM-MDS-169 Datasheet
168Kb / 4P
Termination Insensitive Mixer, 1 MHz - 3.5 GHz
logo
M/A-COM Technology Solu...
MDS-169 MA-COM-MDS-169 Datasheet
105Kb / 4P
Termination Insensitive Mixer, 1 MHz - 3.5 GHz
More results


Similar Description - MDS-169

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MD-160 MACOM-MD-160 Datasheet
215Kb / 3P
Termination-Insensitive Mixer, 1 - 1500 MHz
MD-161 MACOM-MD-161 Datasheet
202Kb / 3P
Termination-Insensitive Mixer, 1 - 500 MHz
MD-179 MACOM-MD-179 Datasheet
225Kb / 3P
Termination Insensitive Mixer, 1 - 4000 MHz
MDC-162 MACOM-MDC-162 Datasheet
144Kb / 3P
Termination-Insensitive Mixer 1 - 7 GHz
MD-169 MACOM-MD-169 Datasheet
168Kb / 4P
Termination Insensitive Mixer, 1 MHz - 3.5 GHz
logo
M/A-COM Technology Solu...
MD-160 MA-COM-MD-160 Datasheet
80Kb / 3P
Termination Insensitive Mixer, 1 - 1500 MHz
MD-161 MA-COM-MD-161 Datasheet
109Kb / 3P
Termination Insensitive Mixer, 1 - 500 MHz
MD-179PIN MA-COM-MD-179PIN Datasheet
64Kb / 3P
Termination Insensitive Mixer, 1 - 4000 MHz
MD-169 MA-COM-MD-169 Datasheet
105Kb / 4P
Termination Insensitive Mixer, 1 MHz - 3.5 GHz
MDC-162 MA-COM-MDC-162 Datasheet
80Kb / 3P
Termination-Insensitive Mixer, 1 - 7 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com