Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD-160 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MD-160 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MD-160
Download  MD-160 Download
File Size   80.15 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Termination Insensitive Mixer, 1 - 1500 MHz

MD-160 Datasheet (PDF)

Go To PDF Page Download Datasheet
MD-160 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MD-160
Download  MD-160 Click to download

File Size   80.15 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Termination Insensitive Mixer, 1 - 1500 MHz

MD-160 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MD-160 Product details

Description
The unique design of the termination insensitive mixer (TIM) enables it to apply high reverse voltage to diodes during their “off” phase, in the LO cycle. This allows for higher power level performance with minimum distortion. In addition the TIM has internal loads that provide a good match and also absorb mixer generated LO frequency terms. Combined, these features give the mixer its insensitivity to external mismatches, plus superior VSWR.

Features
• Third Order Intermodulation Ratio is Insensitive to Port Mismatches
• Conversion Loss: 7 dB Typical Midband
• VSWR: Typically Less than 1.5:1 @ Midband
• Impedance: 50 Ohms Nominal
• Maximum Input Power: 350 mW Max @ 25°C, Derated to 85°C @ 3.5 mW/°C
• MIL-STD-883 Screening Available




Similar Part No. - MD-160

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MD-160 MACOM-MD-160 Datasheet
215Kb / 3P
Termination-Insensitive Mixer, 1 - 1500 MHz
logo
M/A-COM Technology Solu...
MD-160 MA-COM-MD-160 Datasheet
80Kb / 3P
Termination Insensitive Mixer
logo
Tyco Electronics
MD-160PIN MACOM-MD-160PIN Datasheet
215Kb / 3P
Termination-Insensitive Mixer, 1 - 1500 MHz
logo
M/A-COM Technology Solu...
MD-160 MA-COM-MD-160_15 Datasheet
80Kb / 3P
Termination Insensitive Mixer
More results


Similar Description - MD-160

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MD-160 MACOM-MD-160 Datasheet
215Kb / 3P
Termination-Insensitive Mixer, 1 - 1500 MHz
MD-161 MACOM-MD-161 Datasheet
202Kb / 3P
Termination-Insensitive Mixer, 1 - 500 MHz
MDS-169 MACOM-MDS-169 Datasheet
248Kb / 4P
Termination Insensitive Mixer, 1 MHz - 3.5 GHz
MD-179 MACOM-MD-179 Datasheet
225Kb / 3P
Termination Insensitive Mixer, 1 - 4000 MHz
MD-M189 MACOM-MD-M189 Datasheet
155Kb / 3P
High Level Termination Insensitive Mixer, 1 - 3500 MHz
MD-169 MACOM-MD-169 Datasheet
168Kb / 4P
Termination Insensitive Mixer, 1 MHz - 3.5 GHz
logo
M/A-COM Technology Solu...
MD-161 MA-COM-MD-161 Datasheet
109Kb / 3P
Termination Insensitive Mixer, 1 - 500 MHz
MD-179PIN MA-COM-MD-179PIN Datasheet
64Kb / 3P
Termination Insensitive Mixer, 1 - 4000 MHz
MD-169 MA-COM-MD-169 Datasheet
105Kb / 4P
Termination Insensitive Mixer, 1 MHz - 3.5 GHz
MDC-164 MA-COM-MDC-164 Datasheet
79Kb / 3P
Termination-Insensitive Mixer, Termination-Insensitive Mixer,
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com