Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD-160 Datasheet (PDF) - Tyco Electronics

MD-160 Datasheet PDF - Tyco Electronics
Part # MD-160
Download  MD-160 Download
File Size   215.03 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Termination-Insensitive Mixer, 1 - 1500 MHz

MD-160 Datasheet (PDF)

Go To PDF Page Download Datasheet
MD-160 Datasheet PDF - Tyco Electronics

Part # MD-160
Download  MD-160 Click to download

File Size   215.03 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Termination-Insensitive Mixer, 1 - 1500 MHz

MD-160 Datasheet (HTML) - Tyco Electronics


MD-160 Product details

Description
The unique design of the termination insensitive mixer (TIM) enables it to apply high reverse voltage to diodes during their “off” phase, in the LO cycle. This allows for higher power level performance with minimum distortion. In addition the TIM has internal loads that provide a good match and also absorb mixer generated LO frequency terms. Combined, these features give the mixer its insensitivity to external mismatches, plus superior VSWR.

Features
■ Third Order Intermodulation Ratio is Insensitive to Port Mismatches
■ Conversion Loss: 7 dB Typical Midband
■ VSWR: Typically Less than 1.5:1 @ Midband
■ Impedance: 50 Ohms Nominal
■ Maximum Input Power: 350 mW max. @ 25°C, Derated to 85°C @ 3.5 mW/°C
■ MIL-STD-883 Screening Available




Similar Part No. - MD-160

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MD-160 MA-COM-MD-160 Datasheet
80Kb / 3P
Termination Insensitive Mixer, 1 - 1500 MHz
MD-160 MA-COM-MD-160 Datasheet
80Kb / 3P
Termination Insensitive Mixer
MD-160 MA-COM-MD-160_15 Datasheet
80Kb / 3P
Termination Insensitive Mixer
More results


Similar Description - MD-160

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MD-161 MACOM-MD-161 Datasheet
202Kb / 3P
Termination-Insensitive Mixer, 1 - 500 MHz
MDS-169 MACOM-MDS-169 Datasheet
248Kb / 4P
Termination Insensitive Mixer, 1 MHz - 3.5 GHz
MD-179 MACOM-MD-179 Datasheet
225Kb / 3P
Termination Insensitive Mixer, 1 - 4000 MHz
MD-M189 MACOM-MD-M189 Datasheet
155Kb / 3P
High Level Termination Insensitive Mixer, 1 - 3500 MHz
MD-169 MACOM-MD-169 Datasheet
168Kb / 4P
Termination Insensitive Mixer, 1 MHz - 3.5 GHz
logo
M/A-COM Technology Solu...
MD-160 MA-COM-MD-160 Datasheet
80Kb / 3P
Termination Insensitive Mixer, 1 - 1500 MHz
MD-161 MA-COM-MD-161 Datasheet
109Kb / 3P
Termination Insensitive Mixer, 1 - 500 MHz
MD-179PIN MA-COM-MD-179PIN Datasheet
64Kb / 3P
Termination Insensitive Mixer, 1 - 4000 MHz
MD-169 MA-COM-MD-169 Datasheet
105Kb / 4P
Termination Insensitive Mixer, 1 MHz - 3.5 GHz
MDC-164 MA-COM-MDC-164 Datasheet
79Kb / 3P
Termination-Insensitive Mixer, Termination-Insensitive Mixer,
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com