Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDC-163 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MDC-163 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MDC-163
Download  MDC-163 Download
File Size   80.61 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Termination-Insensitive Biasable Mixer, 1 - 6 GHz

MDC-163 Datasheet (PDF)

Go To PDF Page Download Datasheet
MDC-163 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MDC-163
Download  MDC-163 Click to download

File Size   80.61 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Termination-Insensitive Biasable Mixer, 1 - 6 GHz

MDC-163 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MDC-163 Product details

Description
The unique design of the termination insensitive mixer (TIM) enables it to apply high reverse voltage to diodes during their “off” phase, in the LO cycle. This allows for higher power level performance with minimum distortion. In addition the TIM has internal loads that provide a good match and also absorb mixer generated LO frequency terms. Combined, these features give the mixer its insensitivity to external mismatches, plus superior VSWR. Applied bias allows this mixer to perform at low LO power levels.

Features
• LO Drive: 0 dBm
• Intermodulation Ratio Insensitive to IF Ports Mismatches
• Conversion Loss: 7 dB Typical Midband
• Impedance: 50 Ohms Nominal
• Maximum Input Power: 500 mW max. @ 25°C, Derated 6.4 mW/°C
• Low Power: +24 dBm Max.
• DC Bias: +5, -5 VDC @12 mA each
• MIL-STD-883 Screening Available




Similar Part No. - MDC-163

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MDC-163 MACOM-MDC-163 Datasheet
143Kb / 3P
Termination-Insensitive Biasable Mixer, 1 - 6 GHz
MDC-163SMA MACOM-MDC-163SMA Datasheet
143Kb / 3P
Termination-Insensitive Biasable Mixer, 1 - 6 GHz
More results


Similar Description - MDC-163

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MDS-169 MACOM-MDS-169 Datasheet
248Kb / 4P
Termination Insensitive Mixer, 1 MHz - 3.5 GHz
MDC-162 MACOM-MDC-162 Datasheet
144Kb / 3P
Termination-Insensitive Mixer 1 - 7 GHz
MDC-163 MACOM-MDC-163 Datasheet
143Kb / 3P
Termination-Insensitive Biasable Mixer, 1 - 6 GHz
MDC-164 MACOM-MDC-164 Datasheet
142Kb / 3P
Termination-Insensitive Mixer 0.5 - 9 GHz
MD-169 MACOM-MD-169 Datasheet
168Kb / 4P
Termination Insensitive Mixer, 1 MHz - 3.5 GHz
logo
M/A-COM Technology Solu...
MD-169 MA-COM-MD-169 Datasheet
105Kb / 4P
Termination Insensitive Mixer, 1 MHz - 3.5 GHz
MDC-162 MA-COM-MDC-162 Datasheet
80Kb / 3P
Termination-Insensitive Mixer, 1 - 7 GHz
MDC-164 MA-COM-MDC-164 Datasheet
79Kb / 3P
Termination-Insensitive Mixer, Termination-Insensitive Mixer,
CSM4T MA-COM-CSM4T Datasheet
100Kb / 3P
Termination Insensitive Mixer
MD-MDC-MDS-169 MA-COM-MD-MDC-MDS-169_15 Datasheet
105Kb / 4P
Termination Insensitive Mixer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com