Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5413 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5413
Description  1 Li-ion/Li-polymer battery protection IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5413 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5413 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5413 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5413 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5413 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5413 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5413 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5413 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5413 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5413 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
SOT-23-6 封装
表
2、电气参数选择表
过充电检测
电压
过充电释
放电压
过放电检
测电压
过放电释
放电压
放电过流
检测电压
充电过流
检测电压
延迟时间
代码
特性代码
参数
型号
VCU
VCR
VDL
VDR
VDIP
VCIP
-
-
H
M5413-AB
4.280V
4.080V
2.30V
2.30V
125mV
-100mV
1
A
H
M5413-BB
4.325V
4.125V
2.50V
2.80V
150mV
-100mV
1
A
H
M5413-CB
4.275V
4.075V
2.30V
2.30V
150mV
-100mV
1
A
H
M5413-DB
4.275V
4.175V
2.30V
2.40V
100mV
-100mV
1
A
H
M5413-EB
4.300V
4.100V
2.30V
2.30V
250mV
-100mV
1
B
H
M5413-FB
4.250V
4.050V
2.50V
2.80V
200mV
-100mV
2
B
H
M5413-GB
4.280V
4.080V
3.00V
3.00V
75mV
-100mV
3
A
H
M5413-HB
4.280V
4.280V
2.80V
2.80V
50mV
-50mV
3
A
H
M5413-IB
4.190V
4.190V
2.70V
3.00V
100mV
-40mV
2
C
H
M5413-LB
4.200V
4.200V
2.50V
2.50V
150mV
-100mV
1
A
H
M5413-MBA
4.280V
4.280V
2.80V
2.80V
250mV
-100mV
1
A
H
M5413-MBB
4.280V
4.280V
2.80V
2.80V
250mV
-100mV
1
B
H
M5413-NBA
4.380V
4.280V
2.60V
2.80V
150mV
-175mV
4
A
H
M5413-NBB
4.380V
4.280V
2.60V
2.80V
150mV
-175mV
4
B
H
M5413-OBA
4.400V
4.200V
2.80V
3.00V
150mV
-200mV
1
A
H
M5413-OBB
4.400V
4.200V
2.80V
3.00V
150mV
-200mV
1
B
H
M5413-OBC
4.400V
4.200V
2.80V
3.00V
150mV
-200mV
1
C
H
M5413-JB
4.275V
4.075V
2.80V
2.80V
150mV
-100mV
1
B
H
M5413-KB
4.250V
4.190V
2.80V
3.00V
150mV
-100mV
5
B
H
M5413-PB
4.250V
4.190V
2.50V
3.00V
150mV
-100mV
5
B
H
M5413-RB
4.280V
4.130V
2.80V
3.10V
100mV
-100mV
1
A
H
M5413-SB
4.275V
4.075V
2.80V
3.00V
150mV
-100mV
1
B
备注:
1、表 2 中列出各电气参数的典型值,各电气参数的精度请参阅表 8。
2、延迟时间代码对应的延迟时间参数请参阅表 3;特性代码对应的其它功能特性请参阅表 4。
3、需要上述规格以外的产品时,请与本公司业务部联系。
.
H
M5413
1 节锂离子/锂聚合物电池保护 IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com