Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5259 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5259
Description  Apple iPhone5S data cable IC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5259 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5259 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5259 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5259 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
最大极限参数
参数
极限值
单位
输入电压
Vss-0.3 ~ VDD+6.0
V
输出电压
Vss-0.3 ~ VDD+6.0
V
工作温度
0 ~ +90
储存温度
-65 ~ +150
说明:器件的负荷不得超出“最大极限值”中所列出的范围,否则器件可能永久性损坏,也不允许在临界值下负
荷过久,这样即使不损坏器件,也可能影响其可靠性。
电气特性
VDD=5.0V,TA=25℃)
参数
符号
测试条件
最小值
典型值
最大值
单位
工作电压
VDD
--
2.2
5.0
5.5
V
工作电流
IDD
输出空载
--
3
5
mA
DC O/P 驱动电流
IDRIVE
负载
=0.7V
10
--
--
mA
应用电路图
1
2
3
4
5
6
A
B
C
D
6
5
4
3
2
1
D
C
B
A
Title
Number
Revision
Size
B
Date:
21-Mar-2014
Sheet of
File:
E:\E\规格书\规格图\规格图-0\ZBO\P5MB\P5MB.ddb
Drawn By:
VDD
D-
D+
GND
J1
USB
D
S
VOUT VSS
VDD
DATA
1
2
3
4
5
6
U1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
J2
C1
105
HM5259
苹果
iPhone5S 数据线IC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com