Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHC943WM Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74VHC943WM
Description  300 Baud Modem (5V Supply)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74VHC943WM Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button 74VHC943WM Datasheet HTML 3Page - National Semiconductor (TI) 74VHC943WM Datasheet HTML 4Page - National Semiconductor (TI) 74VHC943WM Datasheet HTML 5Page - National Semiconductor (TI) 74VHC943WM Datasheet HTML 6Page - National Semiconductor (TI) 74VHC943WM Datasheet HTML 7Page - National Semiconductor (TI) 74VHC943WM Datasheet HTML 8Page - National Semiconductor (TI) 74VHC943WM Datasheet HTML 9Page - National Semiconductor (TI) 74VHC943WM Datasheet HTML 10Page - National Semiconductor (TI) 74VHC943WM Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Applications Information
TRANSMIT LEVEL ADJUSTMENT
The transmitted power levels of Table II refer to the power
delivered to a 600X load from the external 600X source
impedance The voltage on the load is half the TXA voltage
This should be kept in mind when designing interface cir-
cuits which do not match the load and source inpedances
The transmit level is programmable by placing a resistor
from TLA to VCC With a 55k resistor the line driver trans-
mits a maximum of b9 dBm Since most lines from a phone
installation to the exchange provide 3 dB of attenuation the
maximum level reaching the exchange will be b12 dBm
This is the maximum level permitted by most telephone
companies Thus with this programming the 74VHC943 will
interface to most telephones This arrangement is called the
‘‘permissive arrangement’’ The disadvantage with the per-
missive arrangement is that when the loss from a phone to
the exchange exceeds 3 dB no compensation is made and
SNR may be unnecessarily degraded
TABLE II Universal Service Order Code Resistor Values
Line
Transmit
Programming
Loss
Level
Resistor (RTLA)
(dB)
(dBm)
(X)
0
b
12
Open
1
b
11
19800
2
b
10
9200
3
b
9
5490
CARRIER DETECT THRESHOLD ADJUSTMENT
The carrier detect threshold is directly proportional to the
voltage on CDA This pin is connected internally to a high
impedance source This source has a nominal Thevenin
equivalent voltage of 12V and output impedance of 100 kX
By forcing the voltage on CDA the carrier detect threshold
may be adjusted To find the voltage required for a given
threshold the following equation may be used
VCDAe244 c VON
VCDAe345 c VOFF
CARRIER DETECT TIMING ADJUSTMENT
CDT A capacitor on Pin 4 sets the time interval that the
carrier must be present before CD goes low It also
sets the time interval that carrier must be removed
before CD returns high The relevant timing equations
are
TCDL j 64cCCDT for CD going low
TCDH j 054cCCDT for CD going high
Where TCDL
TCDH are in seconds and CCDT is in mF
DESIGN PRECAUTIONS
Power supplies to digital systems may contain high ampli-
tude spikes and other noise To optimize performance of the
74VHC943 operating in close proximity to digital systems
supply and ground noise should be minimized This involves
attention to power supply design and circuit board layout
Power supply decoupling close to the device is recommend-
ed Ground loops should be avoided For further discussion
of these subjects see the AudioRadio Handbook published
by National Semiconductor Corporation
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com