Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHC943WM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74VHC943WM
Description  300 Baud Modem (5V Supply)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74VHC943WM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  74VHC943WM Datasheet HTML 1Page - National Semiconductor (TI) 74VHC943WM Datasheet HTML 2Page - National Semiconductor (TI) 74VHC943WM Datasheet HTML 3Page - National Semiconductor (TI) 74VHC943WM Datasheet HTML 4Page - National Semiconductor (TI) 74VHC943WM Datasheet HTML 5Page - National Semiconductor (TI) 74VHC943WM Datasheet HTML 6Page - National Semiconductor (TI) 74VHC943WM Datasheet HTML 7Page - National Semiconductor (TI) 74VHC943WM Datasheet HTML 8Page - National Semiconductor (TI) 74VHC943WM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TLF11679
PRELIMINARY
October 1995
74VHC943
300 Baud Modem (5V Supply)
General Description
The 74VHC943 is a full duplex low speed modem It pro-
vides a 300 baud bidirectional serial interface for data com-
munication over telephone lines and other narrow band-
width channels It is Bell 103 compatible
The 74VHC943 utilizes advanced silicon-gate CMOS tech-
nology Switched capacitor techniques are used to perform
analog signal processing
MODULATOR SECTION
The modulator contains a frequency synthesizer and a sine
wave synthesizer It produces a phase coherent frequency
shift keyed (FSK) output
LINE DRIVER AND HYBRID SECTION
The line driver and hybrid are designed to facilitate connec-
tion to a 600X phone line They can perform two to four wire
conversion and drive the line at a maximum of b9 dBm
DEMODULATOR SECTION
The demodulator incorporates anti-aliasing filters a receive
filter limiter discriminator and carrier detect circuit The
nine-pole receive filter provides 60 dB of transmitted tone
rejection The discriminator is fully balanced for stable
operation
Features
Y
5V supply
Y
Drives 600X at b9 dBm
Y
All filters on chip
Y
Transmit level adjustment compatible with universal
service order code
Y
TTL and CMOS compatible logic
Y
All inputs protected against static damage
Y
Low power consumption
Y
Full duplex answer or originate operation
Y
Analog loopback for self test
Y
Power down mode
Y
Direct Pin and function replacement for the 74HC943
Applications
Y
Built-in low speed modems
Y
Remote data collection
Y
Radio telemetry
Y
Credit verification
Y
Stand-alone modems
Y
Point-of-sale terminals
Y
Tone signaling systems
Y
Remote process control
Commercial
Package Number
Package Description
74VHC943WM
M20B
20-Lead Molded JEDEC SOIC (0300 Wide)
74VHC943N
N20A
20-Lead Molded DIP
Note
Surface mount packages are also available on Tape and Reel Specify by appending the suffix letter
‘‘X’’ to the ordering code
Connection Diagram
Pin Assignments for
SOIC and PDIP
TLF11679 – 1
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M125Printed in U S A


Similar Part No. - 74VHC943WM

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
74VHC9125FT TOSHIBA-74VHC9125FT Datasheet
206Kb / 11P
CMOS Digital Integrated Circuits Silicon Monolithic
29-Dec-2020
74VHC9126FT TOSHIBA-74VHC9126FT Datasheet
206Kb / 11P
CMOS Digital Integrated Circuits Silicon Monolithic
29-Dec-2020
74VHC9151FT TOSHIBA-74VHC9151FT Datasheet
212Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
18-Jun-2018
74VHC9151FT TOSHIBA-74VHC9151FT Datasheet
211Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
18-Jun-2018
74VHC9152FT TOSHIBA-74VHC9152FT Datasheet
211Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
18-Jun-2018
More results

Similar Description - 74VHC943WM

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
TSC73M223 TDK-TSC73M223 Datasheet
45Kb / 6P
1200 Baud FSK Modem
logo
National Semiconductor ...
MM74HC943 NSC-MM74HC943 Datasheet
153Kb / 8P
300 Baud Modem
logo
Motorola, Inc
MC145446A MOTOROLA-MC145446A Datasheet
267Kb / 14P
SINGLE-CHIP 300-BAUD MODEM WITH DTMF TRANSCEIVER
MC145442B MOTOROLA-MC145442B Datasheet
113Kb / 12P
SINGLE-CHIP 300-BAUD MODEM
MC145442 MOTOROLA-MC145442 Datasheet
227Kb / 12P
SINGLE-CHIP 300-BAUD MODEM
logo
LANSDALE Semiconductor ...
ML145442 LANSDALE-ML145442 Datasheet
800Kb / 11P
Single-Chip 300-Baud Modem
logo
CML Microcircuits
FX409 CMLMICRO-FX409 Datasheet
289Kb / 6P
1200 BAUD FFSK MODEM
FX419 CMLMICRO-FX419 Datasheet
367Kb / 7P
1200 BAUD FFSK MODEM
logo
Radiometrix Ltd
CLX2 RADIOMETRIX-CLX2 Datasheet
174Kb / 6P
19200 baud modem transceiver
logo
Motorola, Inc
MC145444 MOTOROLA-MC145444 Datasheet
165Kb / 12P
Single-Chip 300-Baud Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com