Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSRMP Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # SSRMP
Description  Solid State Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

SSRMP Datasheet(HTML) 2 Page - TE Connectivity Ltd

  SSRMP Datasheet HTML 1Page - TE Connectivity Ltd SSRMP Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Operating Diagrams
Outline Dimensions
Output Specification (@ 25°C, unless otherwise specified)
Heatsink Recommendations
• We recommend that solid state relay modules be mounted to a heatsink sufficient to maintain the module’s base temperature at 85°C
under worst case ambient temperature and load conditions.
• The heatsink mounting surface should be a smooth (30-40 micro-inch finish), flat (30-40 micro-inch flatness across mating area), un-painted surface
which is clean and free of oxidation.
• An even coating of thermal compound (Dow Corning DC340 or equivalent) should be applied to both the heatsink and module mounting surfaces
and spread to a uniform depth of .002” to eliminate all air pockets.
Parameter
Nom. Line Voltage
Conditions
Units
10A Models 16A Models
25A Models
Load Voltage Range V
L
240
Vrms
24-280
480
Vrms
48-480
Load Current Range I
L*
240 & 480
Resistive
A
10
16
25
Single Cycle Surge Current
A
100
160
208
Leakage Current (Off-State) (@rated voltage)
f=60Hz. V
L
=Nom
mA
5
On-State Voltage Drop (@rated current)
I
L = Max.
Vrms
1.6
Static dv/dt (Off-State) (Min.)
V/µs
400
475
Repetitive Peak Off-State Voltage
240
Vrms
600
480
800
I2T Rating
240 & 480
A2Sec
55
144
259
Zero Turn-On Voltage
Vpk
15
Thermal Resistance, Junction to case (R
0J-C)
(Max.)
°C/W
2.4
2.1
2
Turn -On Time (Max.)
f= 60/ 50 Hz.
ms
10 for Zero Voltage Turn-On
0.1 for Random Voltage Turn-On
Turn -Off Time (Max.)
10 for Zero Voltage Turn-On
8.3/10 for Random Voltage Turn-On
* See Derating curve
Electrical Characteristics (Thermal Derating Curves)
Solid State Relay
SSRMP Series (Continued)
05-2020, Rev. 0520
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
Potter & Brumfield



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com