Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSRMP Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # SSRMP
Description  Solid State Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

SSRMP Datasheet(HTML) 1 Page - TE Connectivity Ltd

  SSRMP Datasheet HTML 1Page - TE Connectivity Ltd SSRMP Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ordering Information
File E29244
Users should thoroughly review the technical data before selecting a
product part number. It is recommended that users also seek out the
pertinent approvals files of the agencies/laboratories and review them to
ensure the product meets the requirements for a given application.
Engineering Data
Form: 1 Form A (SPST-NO).
Duty: Continuous.
Isolation: 4000V rms minimum, input - output.
Temperature Range:
Storage: –30°C to +100°C
Operating Temperature: –30°C to + 80°C
Case Material: Plastic, UL rated 94V-1.
Case and Mounting: Refer to outline dimension.
Termination: Refer to outline dimension.
Approximate Weight: 0.65 oz. (18.3g).
Features
• Standard “mini puck” package.
• LED indicator.
• Triac outputs.
• 10A, 16A & 25A rms versions.
• DC input version.
• 240 & 480 Vac Line voltage.
• 4000V rms isolation.
• Quick connect style terminals.
• Panel mountable.
Input Specifications
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.
“Mini Puck”
Solid State Relay
Parameter
Units
DC Input
Control Voltage Range VIN
VDC
4 - 32
Must Operate Voltage VIN(OP) (Min.)
VDC
4
Must release Voltage VIN(REL) (Min.)
VDC
1
Input Current (Max.)
mA
1 - 20
Typical Part Number
SSRMP
-240
D
10
R
1. Basic Series: SSRMP =
“mini puck” triac output solid state reply
2. Line Voltage: 240 = 24 - 280 VAC
480 = 48 - 480 VAC
3. Input Type & Voltage: D = 4 - 32 VDC constant current
4. Maximum Switchin Rating: 10 = 10A rms, mounted to heatsink
16 = 16A rms, mounted to heatsink
25 = 25A rms, mounted to heatsink
5. Options: Blank = Zero voltage turn-on
R = Random volage turn-on
SSRMP-240D10
SSRMP-480D10
SSRMP-240D10R
SSRMP-480D10R
SSRMP-240D25
SSRMP-480D25
SSRMP-240D25R
SSRMP-480D25R
Solid State Relay
SSRMP Series
05-2020, Rev. 0520
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
Potter & Brumfield


Similar Part No. - SSRMP

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SSRM MACOM-SSRM Datasheet
376Kb / 2P
45-65A DIN Mount Solid State Relay With Paired SCR Output, Integral Heatsink
SSRM-600A45 MACOM-SSRM-600A45 Datasheet
376Kb / 2P
45-65A DIN Mount Solid State Relay With Paired SCR Output, Integral Heatsink
SSRM-600A55 MACOM-SSRM-600A55 Datasheet
376Kb / 2P
45-65A DIN Mount Solid State Relay With Paired SCR Output, Integral Heatsink
SSRM-600A65 MACOM-SSRM-600A65 Datasheet
376Kb / 2P
45-65A DIN Mount Solid State Relay With Paired SCR Output, Integral Heatsink
SSRM-600D45 MACOM-SSRM-600D45 Datasheet
376Kb / 2P
45-65A DIN Mount Solid State Relay With Paired SCR Output, Integral Heatsink
More results

Similar Description - SSRMP

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
Solid State Relay
06-March-02
logo
COSMO Electronics Corp...
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
SOLID STATE RELAY
KSD205AC3 COSMO-KSD205AC3 Datasheet
197Kb / 2P
SOLID STATE RELAY
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
Solid State Relay
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
SOLID STATE RELAY
logo
Omron Electronics LLC
G3TBOA202PZDC524 OMRON-G3TBOA202PZDC524 Datasheet
395Kb / 8P
Solid State Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com