Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPAU-HLB-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # MPAU-HLB-R
Description  Plug-in Signal Conditioners M-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MPAU-HLB-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  MPAU-HLB-R Datasheet HTML 1Page - M-System Co.,Ltd. MPAU-HLB-R Datasheet HTML 2Page - M-System Co.,Ltd. MPAU-HLB-R Datasheet HTML 3Page - M-System Co.,Ltd. MPAU-HLB-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: MPAU
MPAU SPECIFICATIONS
ES-1690 Rev.8 Page 3/4
http://www.m-system.co.jp/
50/60 ±2 Hz, approx. 4 VA
•DC: Operational voltage range: rating ±10 %,
ripple 10% p-p max.; approx. 2.5 W (100 mA at 24 V)
Operating temperature: -5 to +60°C (23 to 140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 350 g (0.77 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.1 %
Temp. coefficient: ±0.01 %/°C (±0.006 %/°F)
Response time: ≤ 0.5 sec. + one pulse cycle (0 –
90 %; with damper set to 0 sec.)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Installation Category II
Pollution Degree 2
Input or output to power: Reinforced insulation (300 V)
Input to output: Basic insulation (300 V)
RoHS Directive
EN 50581
EXTERNAL VIEW
A: 10 3 (1 to 9)
C: 10 1 (0 to 9)
B: 10 2 (0 to 9)
D: 10 0 (0 to 9)
RANGE: Scaling Factor (0 to 7)
1/n: Dividing Factor SW
(1/1 to 1/16)
(for non-uniform pulse)
•Input Frequency SW
Input Monitor LED
Zero Adj.
Status LED
Span Adj.
Damper Adj.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com