Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPAU-HLB-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MPAU-HLB-R
Description  Plug-in Signal Conditioners M-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MPAU-HLB-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MPAU-HLB-R Datasheet HTML 1Page - M-System Co.,Ltd. MPAU-HLB-R Datasheet HTML 2Page - M-System Co.,Ltd. MPAU-HLB-R Datasheet HTML 3Page - M-System Co.,Ltd. MPAU-HLB-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: MPAU
MPAU SPECIFICATIONS
ES-1690 Rev.8 Page 1/4
http://www.m-system.co.jp/
Plug-in Signal Conditioners M-UNIT
FREQUENCY TRANSMITTER
(selectable range)
Functions & Features
• Converting the output from a pulse-type transducer into a
standard process signal
• Open collector, mechanical contact, proximity sensor,
voltage pulse and 2-wire current pulse inputs
• Output decreases gradually with no input
• Excitation
• Isolation up to 2000 V AC
• High-density mounting
Typical Applications
• Positive displacement flowmeters, turbine
flowmeters and vortex flowmeters
• Measuring rotation speed of a machine generating dry
contact signals
789
7 8 9
78 9
7 89
78 9
789
50
(1.97)
123
(4.84)
80
(3.15)
mm (inch)
MODEL: MPAU–[1][2][3]–[4][5]
ORDERING INFORMATION
· Code number: MPAU-[1][2][3]-[4][5]
Specify a code from below for each [1] through [5].
(e.g. MPAU-A1LA-B/Q)
•Special output range (For codes Z & 0)
• Specify the specification for option code /Q
(e.g. /C01/S01/SET)
[1] INPUT
A1: Open collector
A2: Mechanical contact
B1: Proximity sensor
B2: Voltage pulse
H: Two-wire current pulse
[2] EXCITATION
L: 12 V DC / 40 mA
M: 24 V DC / 25 mA
[3] OUTPUT
Current
A: 4 – 20 mA DC (Load resistance 750 Ω max.)
B: 2 – 10 mA DC (Load resistance 1500 Ω max.)
C: 1 – 5 mA DC (Load resistance 3000 Ω max.)
D: 0 – 20 mA DC (Load resistance 750 Ω max.)
E: 0 – 16 mA DC (Load resistance 900 Ω max.)
F: 0 – 10 mA DC (Load resistance 1500 Ω max.)
G: 0 – 1 mA DC (Load resistance 15 kΩ max.)
Z: Specify current (See OUTPUT SPECIFICATIONS)
Voltage
1: 0 – 10 mV DC (Load resistance 10 kΩ min.)
2: 0 – 100 mV DC (Load resistance 100 kΩ min.)
3: 0 – 1 V DC (Load resistance 100 Ω min.)
4: 0 – 10 V DC (Load resistance 1000 Ω min.)
5: 0 – 5 V DC (Load resistance 500 Ω min.)
6: 1 – 5 V DC (Load resistance 500 Ω min.)
4W: -10 – +10 V DC (Load resistance 2000 Ω min.)
5W: -5 – +5 V DC (Load resistance 1000 Ω min.)
0: Specify voltage (See OUTPUT SPECIFICATIONS)
[4] POWER INPUT
AC Power
B: 100 V AC
C: 110 V AC
D: 115 V AC
F: 120 V AC
G: 200 V AC
H: 220 V AC
J: 240 V AC
DC Power
S: 12 V DC
R: 24 V DC
V: 48 V DC
[5] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel


Similar Part No. - MPAU-HLB-R

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
MPA DBLECTRO-MPA Datasheet
152Kb / 2P
Metallized Polyester Film Capacitor (Axial and Oval)
logo
Multicomp Pro
MPA-05D03NP MULTICOMP-MPA-05D03NP Datasheet
434Kb / 5P
Isolated DC to DC Converters Dual Output
05/08/25 V1.0
MPA-05D05NP MULTICOMP-MPA-05D05NP Datasheet
434Kb / 5P
Isolated DC to DC Converters Dual Output
05/08/25 V1.0
MPA-05D12NP MULTICOMP-MPA-05D12NP Datasheet
434Kb / 5P
Isolated DC to DC Converters Dual Output
05/08/25 V1.0
MPA-05D15NP MULTICOMP-MPA-05D15NP Datasheet
434Kb / 5P
Isolated DC to DC Converters Dual Output
05/08/25 V1.0
More results

Similar Description - MPAU-HLB-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AS4V MSYSTEM-AS4V Datasheet
159Kb / 3P
Plug-in Signal Conditioners M-UNIT
AS4LC MSYSTEM-AS4LC Datasheet
150Kb / 4P
Plug-in Signal Conditioners M-UNIT
DS48 MSYSTEM-DS48 Datasheet
103Kb / 3P
Plug-in Signal Conditioners M-UNIT
DA3 MSYSTEM-DA3 Datasheet
179Kb / 7P
Plug-in Signal Conditioners M-UNIT
CTH MSYSTEM-CTH Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
CTC MSYSTEM-CTC Datasheet
192Kb / 6P
Plug-in Signal Conditioners M-UNIT
JUA MSYSTEM-JUA Datasheet
183Kb / 5P
Plug-in Signal Conditioners M-UNIT
JRP2 MSYSTEM-JRP2 Datasheet
156Kb / 5P
Plug-in Signal Conditioners M-UNIT
JPA2 MSYSTEM-JPA2 Datasheet
142Kb / 5P
Plug-in Signal Conditioners M-UNIT
LCF MSYSTEM-LCF Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com