Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSF6014A Datasheet(PDF) 4 Page - VBsemi Electronics Co.,Ltd

Part # SSF6014A
Description  N-Channel 60-V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

SSF6014A Datasheet(HTML) 4 Page - VBsemi Electronics Co.,Ltd

  SSF6014A Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd SSF6014A Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd SSF6014A Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd SSF6014A Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd SSF6014A Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd SSF6014A Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd SSF6014A Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd SSF6014A Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TYPICAL CHARACTERISTICS (25 °C unless noted)
On-Resistance vs. Junction Temperature
0.0
0.5
1.0
1.5
2.0
2.5
- 50
- 25
0
25
50
75
100
125
150
175
TJ - Junction Temperature (°C)
VGS = 10 V
ID = 20 A
Source-Drain Diode Forward Voltage
VSD - Source-to-Drain Voltage (V)
100
10
1
0.3
0.6
0.9
1.2
1.5
TJ = 25 °C
TJ = 150 °C
0
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
SSF6014A
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com