Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSF6014A Datasheet(PDF) 5 Page - VBsemi Electronics Co.,Ltd

Part # SSF6014A
Description  N-Channel 60-V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

SSF6014A Datasheet(HTML) 5 Page - VBsemi Electronics Co.,Ltd

  SSF6014A Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd SSF6014A Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd SSF6014A Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd SSF6014A Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd SSF6014A Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd SSF6014A Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd SSF6014A Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd SSF6014A Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
THERMAL RATINGS
Maximum Drain Current vs. Ambient Temperature
0
10
20
30
40
50
60
0
25
50
75
100
125
150
175
TA - Ambient Temperature (°C)
Safe Operating Area
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified
1000
10
0.01
0.1
1
10
100
1
100
TC = 25 °C
Single Pulse
1 ms
10 ms
DC
0.1
RDS(on)*
Limited by
10 µs
100 µs
100 ms
Normalized Thermal Transient Impedance, Junction-to-Case
Square Wave Pulse Duration (s)
2
1
0.1
0.01
10- 4
10- 3
10- 2
10- 1
110
0.2
0.1
Duty Cycle = 0.5
100
Single Pulse
0.02
0.05
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
SSF6014A
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com