Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMS282F Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HSMS282F
Description  Surface Mount Zero Bias Schottky
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HSMS282F Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HSMS282F Datasheet HTML 1Page - List of Unclassifed Manufacturers HSMS282F Datasheet HTML 2Page - List of Unclassifed Manufacturers HSMS282F Datasheet HTML 3Page - List of Unclassifed Manufacturers HSMS282F Datasheet HTML 4Page - List of Unclassifed Manufacturers HSMS282F Datasheet HTML 5Page - List of Unclassifed Manufacturers HSMS282F Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Bay Linear, Inc 2418 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
B8220
Absolute Maximum Ratings
Parameter
Symbol
SOT-23/143
SOT-223
Units
Peak Inverse Voltage
PIV
15
15
V
Junction Temperature
TJ
150
150
°C
Storage Temperature
TSTG
-65 to 150
-65 to 150
°C
Forward Current (1µs Pulse)
IF
1
1
Amp
Thermal Resistance[2]
θjc
500
150
°C/W
Electrical Characteristics (TC = 25°C, Single Diode)
Part
No.
Package
Marking
Configuration
Min.
VBR(V)
Max.
VF(mV)
Max
VF (mV)
@
IF (mA)
Max
IR (nA)
@
VR (V)
Max
CT
(pF)
Typ.
RD (Ohms
8220
8221
8222
8223
8224
8225
8226
8227
8228
8229
822E
822F
822K
822L
822M
822N
822P
822R
0
1
2
3
4
5
6
7
8
9
E
F
K
L
M
N
P
R
Single
Single
Series
Common Anode
Common Cathode
Unconnected Pair
Series
Ring Quad
Bridge Quad
Cross-Over Quad
Common Anode
Common Cathode
High Isolation
Unconnected Pair
Unconnected Trio
Common Cathode Quad
Common Anode Quad
Bridge Quad
Ring Quad
15
340
0.5
10
100
1
1.0
12
Test Conditions
IR=100
µA
IF=1.0
mA
VF= 0
V
F=1
MHz
IF= 5 mA
Notes:
1. Operation in excess of any one of these conditions may result in permanent damage to the device
2. TC = +25°C, where TC is defined to be the temperature at the package pins where contact is made to the
circuit board.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com