Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMS282F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HSMS282F
Description  Surface Mount Zero Bias Schottky
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HSMS282F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HSMS282F Datasheet HTML 1Page - List of Unclassifed Manufacturers HSMS282F Datasheet HTML 2Page - List of Unclassifed Manufacturers HSMS282F Datasheet HTML 3Page - List of Unclassifed Manufacturers HSMS282F Datasheet HTML 4Page - List of Unclassifed Manufacturers HSMS282F Datasheet HTML 5Page - List of Unclassifed Manufacturers HSMS282F Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Bay Linear, Inc 2418 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
Surface Mount Zero Bias Schottky
B8220
Detector Diodes
Series
Pin Connection
Ordering Information
Package
Part No.
SOT-26
B822XK6 -X.X
Description
This specific line of Schottky diodes were specifically
designed for both digital and analog applications. This
series includes a wide range of specifications and
package configurations which gives the designer wide
flexibility. General applications of these Schottky diodes
are clamping, mixing, detecting, sampling, switching,
and wave shaping. The B822x series of diodes is the best
general all-purpose diode for most applications,
featuring low series resistance, low forward voltage at
all current levels and desired RF characteristics.
At Bay Linear, our commitment to quality components
gives our customers a reliable source of RF products,
which are tested at a more stringent level than our
competitors. Manufacturing techniques assure that when
two diodes are mounted into a single package they are
taken from adjacent sites on the wafer. In cross
referenced parts, we guarantee pin to pin compatibility.
The various package configurations available provide a
low cost solution to a wide variety of design problems.
Features
•
Low FIT (Failure in Time) Rate*
•
Low Turn-On Voltage (As Low as 0.34 V at 1
mA)
•
Six-sigma Quality Level
•
Single, Dual and Quad Versions
•
Unique Configurations in Surface Mount
SOT-23/143 Package
•
B-282K Grounded Center Leads Provide up to
10 dB Higher Isolation
•
Matched Diodes for Consistent Performance
•
High Thermal Conductivity for greater Power
Bay Linear
Inspire the Linear Power
Pin Connections and
Package Marking
Notes:
1. Package marking provides
orientation and identification
2. See “Electrical Specifications”
for appropriate package marking
3
1
2
4
5
6
3
1
2
4
5
6


Similar Part No. - HSMS282F

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMS282X HP-HSMS282X Datasheet
209Kb / 14P
Surface Mount RF Schottky Barrier Diodes
More results

Similar Description - HSMS282F

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMS2855 HP-HSMS2855 Datasheet
108Kb / 13P
Surface Mount Zero Bias Schottky Detector Diodes
logo
M/A-COM Technology Solu...
MA4E2200 MA-COM-MA4E2200 Datasheet
104Kb / 7P
Surface Mount Zero Bias Schottky Detector Diodes
logo
Broadcom Corporation.
DEMO-HSMS285-0 BOARDCOM-DEMO-HSMS285-0 Datasheet
330Kb / 13P
Surface Mount Zero Bias Schottky Detector Diodes
HSMS-285C BOARDCOM-HSMS-285C Datasheet
330Kb / 13P
Surface Mount Zero Bias Schottky Detector Diodes
HSMS-285L BOARDCOM-HSMS-285L Datasheet
330Kb / 13P
Surface Mount Zero Bias Schottky Detector Diodes
HSMS-285P BOARDCOM-HSMS-285P Datasheet
330Kb / 13P
Surface Mount Zero Bias Schottky Detector Diodes
HSMS-2850 BOARDCOM-HSMS-2850 Datasheet
330Kb / 13P
Surface Mount Zero Bias Schottky Detector Diodes
HSMS-2855 BOARDCOM-HSMS-2855 Datasheet
330Kb / 13P
Surface Mount Zero Bias Schottky Detector Diodes
logo
M/A-COM Technology Solu...
MA4E220 MA-COM-MA4E220 Datasheet
705Kb / 8P
Surface Mount Zero Bias Schottky Detector Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-285X AVAGO-HSMS-285X Datasheet
330Kb / 13P
Surface Mount Zero Bias Schottky Detector Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com