Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFP Datasheet(PDF) 2 Page - EXCEL CELL ELECTRONIC CO., LTD.

Part # EFP
Description  HIGH CURRENT MULTILAYER CHIP BEADS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECE [EXCEL CELL ELECTRONIC CO., LTD.]
Direct Link  https://www.ece.com.tw/en/
Logo ECE - EXCEL CELL ELECTRONIC CO., LTD.

EFP Datasheet(HTML) 2 Page - EXCEL CELL ELECTRONIC CO., LTD.

  EFP Datasheet HTML 1Page - EXCEL CELL ELECTRONIC CO., LTD. EFP Datasheet HTML 2Page - EXCEL CELL ELECTRONIC CO., LTD. EFP Datasheet HTML 3Page - EXCEL CELL ELECTRONIC CO., LTD. EFP Datasheet HTML 4Page - EXCEL CELL ELECTRONIC CO., LTD. EFP Datasheet HTML 5Page - EXCEL CELL ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
For the latest product information, Please visit our website at http://www.ece.com.tw
ECE-
-
-
-
The Name You Can Trust!
■ ELECTRICAL CHARACTERISTICS
TYPE: EFP 321611
Part No.
Test Frequency
(MHz)
Impedance
( )±25%
DC Resistance
( )Max.
Rating Current
(mA)Max.
EFP321611L080*B
100
8
0.15
6000
EFP321611L110*B
100
11
0.15
6000
EFP321611L190*B
100
19
0.15
6000
EFP321611L260*B
100
26
0.15
6000
EFP321611L300*B
100
30
0.15
4000
EFP321611L310*B
100
31
0.15
4000
EFP321611L320*B
100
32
0.15
4000
EFP321611L350*B
100
35
0.15
4000
EFP321611L420*B
100
42
0.15
4000
EFP321611L500*B
100
50
0.02
4000
EFP321611L600*B
100
60
0.02
4000
EFP321611L680*B
100
68
0.02
4000
EFP321611L700*B
100
70
0.02
4000
EFP321611L800*A
100
80
0.025
3000
EFP321611L900*A
100
90
0.03
3000
EFP321611L101*A
100
100
0.03
2500
EFP321611L121*A
100
120
0.03
2500
EFP321611L151*A
100
150
0.04
2000
EFP321611L201*A
100
200
0.05
2000
EFP321611L221*A
100
220
0.05
2000
EFP321611L301*A
100
300
0.06
2000
EFP321611L401*A
100
400
0.10
2000
EFP321611L501*A
100
500
0.10
2000
EFP321611L601*A
100
600
0.10
2000
EFP321611L102*A
50
1000
0.15
1200
EFP321611L122*A
51
1200
0.18
1000
EFP321611L152*A
52
1500
0.20
800
TYPE: EFP 100505
Part No.
Test Frequency
(MHz)
Impedance
( )±25%
DC Resistance
( )Max.
Rating Current
(mA)Max.
EFP100505L100*A
100
10
0.03
2000
EFP100505L300*A
100
30
0.05
1700
EFP100505L400*A
100
40
0.075
1500
EFP100505L600*A
100
60
0.075
1500
EFP100505L700*A
100
70
0.09
1200
EFP100505L800*A
100
80
0.09
1200
EFP100505L121*A
100
120
0.09
1200



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com