Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFP Datasheet(PDF) 4 Page - EXCEL CELL ELECTRONIC CO., LTD.

Part # EFP
Description  HIGH CURRENT MULTILAYER CHIP BEADS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECE [EXCEL CELL ELECTRONIC CO., LTD.]
Direct Link  https://www.ece.com.tw/en/
Logo ECE - EXCEL CELL ELECTRONIC CO., LTD.

EFP Datasheet(HTML) 4 Page - EXCEL CELL ELECTRONIC CO., LTD.

  EFP Datasheet HTML 1Page - EXCEL CELL ELECTRONIC CO., LTD. EFP Datasheet HTML 2Page - EXCEL CELL ELECTRONIC CO., LTD. EFP Datasheet HTML 3Page - EXCEL CELL ELECTRONIC CO., LTD. EFP Datasheet HTML 4Page - EXCEL CELL ELECTRONIC CO., LTD. EFP Datasheet HTML 5Page - EXCEL CELL ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
For the latest product information, Please visit our website at http://www.ece.com.tw
ECE-
-
-
-
The Name You Can Trust!
TYPE: EFP 201209
Part No.
Test Frequency
(MHz)
Impedance
( )±25%
DC Resistance
( )Max.
Rating Current
(mA)Max.
EFP201209L050*B
100
5
0.01
6000
EFP201209L070*B
100
7
0.01
6000
EFP201209L110*B
100
11
0.01
6000
EFP201209L130*B
100
13
0.02
5000
EFP201209L150*B
100
15
0.02
5000
EFP201209L170*B
100
17
0.02
5000
EFP201209L190*B
100
19
0.02
4000
EFP201209L220*B
100
22
0.02
4000
EFP201209L260*B
100
26
0.02
4000
EFP201209L280*B
100
28
0.02
4000
EFP201209L300*B
100
30
0.02
4000
EFP201209L310*B
100
31
0.02
4000
EFP201209L320*B
100
32
0.02
4000
EFP201209L390*A
100
39
0.02
3000
EFP201209L400*A
100
40
0.02
3000
EFP201209L420*A
100
42
0.025
3000
EFP201209L500*A
100
50
0.025
3000
EFP201209L600*A
100
60
0.03
3000
EFP201209L700*A
100
70
0.04
3000
EFP201209L750*A
100
75
0.04
3000
EFP201209L800*A
100
80
0.04
3000
EFP201209L900*A
100
90
0.04
3000
EFP201209L101*A
100
100
0.04
3000
EFP201209L121*A
100
120
0.04
3000
EFP201209L131*A
100
130
0.02
2500
EFP201209L151*A
100
150
0.05
2500
EFP201209L181*A
100
180
0.05
2500
EFP201209L201*A
100
200
0.08
2500
EFP201209L221*A
100
220
0.08
2000
EFP201209L251*A
100
250
0.08
2000
EFP201209L301*A
100
300
0.08
2000
EFP201209L331*A
100
330
0.08
2000
EFP201209L401*A
100
400
0.10
2000
EFP201209L451*A
100
450
0.10
2000
EFP201209L471*A
100
470
0.10
2000
EFP201209L501*A
100
500
0.10
2000
EFP201209L601*A
100
600
0.10
2000
EFP201209L751*A
100
750
0.12
1500
EFP201209L102*A
100
1000
0.12
1500
EFP201209L152*A
100
1500
0.30
1000



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com