Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFL3216-R22 Datasheet(PDF) 1 Page - EXCEL CELL ELECTRONIC CO., LTD.

Part # EFL3216-R22
Description  MULTILAYER CHIP INDUCTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECE [EXCEL CELL ELECTRONIC CO., LTD.]
Direct Link  https://www.ece.com.tw/en/
Logo ECE - EXCEL CELL ELECTRONIC CO., LTD.

EFL3216-R22 Datasheet(HTML) 1 Page - EXCEL CELL ELECTRONIC CO., LTD.

  EFL3216-R22 Datasheet HTML 1Page - EXCEL CELL ELECTRONIC CO., LTD. EFL3216-R22 Datasheet HTML 2Page - EXCEL CELL ELECTRONIC CO., LTD. EFL3216-R22 Datasheet HTML 3Page - EXCEL CELL ELECTRONIC CO., LTD. EFL3216-R22 Datasheet HTML 4Page - EXCEL CELL ELECTRONIC CO., LTD. EFL3216-R22 Datasheet HTML 5Page - EXCEL CELL ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
For the latest product information, Please visit our website at http://www.ece.com.tw
ECE-
-
-
-
The Name You Can Trust!
MULTILAYER CHIP INDUCTORS
EFL SERIES
■ FEATURES
■
DIMENSIONS
Most compact size available without
direction and easy for mounting.
Excellent solderability and high heat
resistance for either flow or reflow
soldering.
Closed magnetic circuit avoids crosstalk
and is suitable for high density PCB.
Monolithic material construction for high
reliability.
UNIT: mm
Type
A
B
C
D
EFL1608(0603)
1.6±0.15
0.80±0.15
0.8±0.15
0.1~0.5
EFL2012(0805)
2.0±0.20
1.25±0.20
※
0.2~0.8
EFL3216(1206)
3.2±0.20
1.60±0.20
※
0.4~1.0
See attach "product's thickness" dimensions.
※
■ PART NUMBERING SYSTEM
EFL
2012
47N
M
1
Z
Z: RoHS Compliant
Packing:
1: Tape and 7" Reel
Tolerance:
K=±10%, M=±20%
Inductance:
47N: 0.047µH
Dimensions:
Length(mm) x Width(mm)
Product Name:
Multilayer Chip Inductors
Terminal
electrode
Ferrite
B
C
D
D
A


Similar Part No. - EFL3216-R22

ManufacturerPart #DatasheetDescription
logo
Advanced Energy Industr...
EFL ADVANCEDENERGY-EFL Datasheet
666Kb / 8P
ENHANCED FLOATING HOT DECK LOW-VOLTAGE POWER SUPPLIES
logo
United Chemi-Con, Inc.
EFL-100E CHEMI-CON-EFL-100E Datasheet
42Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EFL-100E CHEMI-CON-EFL-100E Datasheet
365Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EFL-100ELL101MF07D CHEMI-CON-EFL-100ELL101MF07D Datasheet
258Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EFL-100ELL151MH05G CHEMI-CON-EFL-100ELL151MH05G Datasheet
258Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - EFL3216-R22

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LL1608FS TOKO-LL1608FS Datasheet
378Kb / 2P
Multilayer Chip Inductors
LL1608FSL TOKO-LL1608FSL Datasheet
377Kb / 2P
Multilayer Chip Inductors
logo
Allied Components Inter...
MLC05-R01M-RC ALLIED-MLC05-R01M-RC Datasheet
781Kb / 1P
Multilayer Chip Inductors
MLC20-R047M-RC ALLIED-MLC20-R047M-RC Datasheet
773Kb / 1P
Multilayer Chip Inductors
MLC20 ALLIED-MLC20 Datasheet
524Kb / 1P
Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CK2125R47M-T TAIYO-YUDEN-CK2125R47M-T Datasheet
143Kb / 1P
Multilayer Chip Inductors
CK2125R68M-T TAIYO-YUDEN-CK2125R68M-T Datasheet
137Kb / 1P
Multilayer Chip Inductors
CK21253R3M-T TAIYO-YUDEN-CK21253R3M-T Datasheet
137Kb / 1P
Multilayer Chip Inductors
CKS21252R2M-T TAIYO-YUDEN-CKS21252R2M-T Datasheet
143Kb / 1P
Multilayer Chip Inductors
CKS21254R7M-T TAIYO-YUDEN-CKS21254R7M-T Datasheet
137Kb / 1P
Multilayer Chip Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com