Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM6101 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6101
Description  programmable voltage detection chip
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6101 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM6101 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6101 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6101 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6101 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6101 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
■ 典型应用
OCOUT
GND
VDD
COUT
FB
VIN
Cin
Cbp
1uF
100k
R1
R2
OPEN
DRAIN输出
CMOS输出
HM6101MR应用电路
■ 打印信息
SOT-353L/SOT23-5L
①②代表产品名称
代号
产品描述
CA
HM6101
③代表批号
0~9,A~Z 循环(G,I,J,O,Q,W 除外)
■ 功能框图
1.2V
VDD
FB
GND
OCOUT
COUT
1
2
3
4
5
①②③
HM6101



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com