Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM6101 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6101
Description  programmable voltage detection chip
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6101 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM6101 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6101 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6101 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6101 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6101 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
■ 绝对最大额定值 ( Ta=25℃)
参数
符号
值
单位
输入电压
VDD
8
V
反馈电压
VFB
8
V
输出电流
Iout
50
mA
输出电压
COUT
Vout
Vss-0.3~VDD+0.3
V
OCOUT
Vss-0.3~8
功耗
SOT-353L
Pd
150
mW
工作温度
Topr
-40~+85
℃
贮存温度
Tstg
-40~+125
℃
■ 电气特性
参数
符号
条件
最小
典型
最大
单位
反馈电压
VFB
1.188
1.2
1.212
V
反馈迟滞电压
VHYS
VFB x0.02
VFB x0.03
VFB x0.04
V
供给电流
Iss
VDD=3.0V
1.5
3.5
4.5
uA
工作电压
VDD
-
1.5
8
V
输出电流
Iout
Nch
Vds=
0.5V
VDD=1.0V
1.0
2.2
mA
VDD=2.0V
3.0
7.7
VDD=3.0V
5.0
10.1
VDD=4.0V
6.0
11.5
VDD=5.0V
7.0
13.0
Pch vds=2.1 VDD=8.0
-10
-2
温度特性
-40~+85℃
±
100
ppm/℃
■ 工作时序图
t
t
t
Vin,Vdd,Vio
OCout
Cout
Vin
Vdd
Vio
Vccio
Vdd
Vdet
Vdet+Vhys
HM6101



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com