Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT63M105PPC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # UT63M105PPC
Description  MIL-STD-1553A/B Bus Transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UT63M105PPC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  UT63M105PPC Datasheet HTML 1Page - List of Unclassifed Manufacturers UT63M105PPC Datasheet HTML 2Page - List of Unclassifed Manufacturers UT63M105PPC Datasheet HTML 3Page - List of Unclassifed Manufacturers UT63M105PPC Datasheet HTML 4Page - List of Unclassifed Manufacturers UT63M105PPC Datasheet HTML 5Page - List of Unclassifed Manufacturers UT63M105PPC Datasheet HTML 6Page - List of Unclassifed Manufacturers UT63M105PPC Datasheet HTML 7Page - List of Unclassifed Manufacturers UT63M105PPC Datasheet HTML 8Page - List of Unclassifed Manufacturers UT63M105PPC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2
Legend for TYPE field:
TI = TTL input
TO = TTL output
DO = Differential output
DI = Differential input
() = Channel designator
TRANSMITTER
NAME
PACKAGE PIN
TYPE
DESCRIPTION
SINGLE
DUAL
TXOUT
(A)
1
1
DO
Transmitter outputs: TXOUT and TXOUT are differential data signals.
TXOUT
(B)
N/A
10
DO
TXOUT
(A)
2
2
DO
TXOUT is the complement of TXOUT.
TXOUT
(B)
N/A
11
DO
TXIHB
(A)
21
34
TI
Transmitter inhibit: this is an active high input signal.
TXINB
(B)
N/A
25
TI
TXIN
(A)
22
35
TI
Transmitter inputs: TXIN and TXIN are complementary TTL-level
Manchester II encoder inputs.
TXIN
(B)
N/A
26
TI
TXIN
(A)
23
36
TI
TXIN is the complement of TXIN input.
TXIN
(B)
N/A
27
TI
The transmitter section accepts biphase TTL-level signal data
at its TXIN and TXIN and produces MIL-STD-1553 data
signals. The transmitter’s output voltage is typically 42VPP, L-
L. Activating the TXIHB input or setting both data inputs to
the same logic level disables the transmitter.
The UT63M1XX series offers a monolithic transmitter and
receiver packaged in either single channel (24-pin) or dual-
channel (36-pin) configurations designed for use in any MIL-
STD-1553 application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com