Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT63M105PPC Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # UT63M105PPC
Description  MIL-STD-1553A/B Bus Transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UT63M105PPC Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  UT63M105PPC Datasheet HTML 1Page - List of Unclassifed Manufacturers UT63M105PPC Datasheet HTML 2Page - List of Unclassifed Manufacturers UT63M105PPC Datasheet HTML 3Page - List of Unclassifed Manufacturers UT63M105PPC Datasheet HTML 4Page - List of Unclassifed Manufacturers UT63M105PPC Datasheet HTML 5Page - List of Unclassifed Manufacturers UT63M105PPC Datasheet HTML 6Page - List of Unclassifed Manufacturers UT63M105PPC Datasheet HTML 7Page - List of Unclassifed Manufacturers UT63M105PPC Datasheet HTML 8Page - List of Unclassifed Manufacturers UT63M105PPC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3
RECEIVER
NAME
PACKAGE PIN
TYPE
DESCRIPTION
SINGLE
DUAL
RXOUT
(A)
7
5
TO
Receiver outputs: RXOUT and RXOUT are complementary
Manchester II decoder outputs.
RXOUT
(B)
N/A
14
TO
RXOUT
(A)
10
8
TO
RXOUT is the complement of RXOUT output
RXOUT
(B)
N/A
17
TO
RXEN
(A)
8
6
TI
Receiver enable/disable: This is an active high input signal.
RXEN
(B)
N/A
15
TI
RXIN
(A)
15
29
DI
Receiver inputs: RXIN and RXIN are biphase-modulated Manchester
II bipolar inputs from MIL-STD-1553 data bus.
RXIN
(B)
N/A
20
DI
RXIN
(A)
16
30
DI
RXIN is the complement of RXIN input.
RXIN
(B)
N/A
21
DI
POWER AND GROUND
NAME
PACKAGE PIN
TYPE
DESCRIPTION
SINGLE
DUAL
VCC
(A)
20
33
PWR
+5VDC power (±10%)
VCC
(B)
N/A
24
PWR
VCCA
(A)
13
28
PWR
+5 to +12VDC power or
+5 to +15VDC power (± 5%)
VCCA
(B)
N/A
19
PWR
VEE
(A)
19
32
PWR
-12 or -15VDC power (± 5%)
Recommended de-coupling capacitors 4.7
µF and.1µF
VEE
(B)
N/A
23
PWR
GND
(A)
3, 9, 18
3, 7, 31
GND
Ground reference
GND
(B)
N/A
12, 16, 22
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com