Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD301BT Datasheet(PDF) 21 Page - Microchip Technology

Part # UPD301BT
Description  Stand-alone USB Type-C??Power Delivery 3.0 Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD301BT Datasheet(HTML) 21 Page - Microchip Technology

Back Button UPD301BT Datasheet HTML 17Page - Microchip Technology UPD301BT Datasheet HTML 18Page - Microchip Technology UPD301BT Datasheet HTML 19Page - Microchip Technology UPD301BT Datasheet HTML 20Page - Microchip Technology UPD301BT Datasheet HTML 21Page - Microchip Technology UPD301BT Datasheet HTML 22Page - Microchip Technology UPD301BT Datasheet HTML 23Page - Microchip Technology UPD301BT Datasheet HTML 24Page - Microchip Technology UPD301BT Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
2020 Microchip Technology Inc.
DS00003412A-page 21
UPD301B/C
The following tables summarizes the expected thresholds to be matched for various configurations.
TABLE 4-2:
DFP CC MATCH SUMMARY
CC State
CC
THR0
CC
THR1
CC
THR2
CC
THR3
CC
THR4
CC
THR5
CC
THR6
CC
THR7
Advertise Default USB Current and
connected to powered cable
0
0
0
0
0
0
0
0
Advertise 1.5 A and connected to
powered cable
0
0
0
0
0
0
0
0
Advertise 3.0 A and connected to
powered cable
0
0
0
0
0
0
0
0
Advertise Default USB Current and
connected to UFP
1
0
0
0
0
0
0
0
Advertise 1.5 A and connected to
UFP
0
1
0
0
0
0
0
0
Advertise 3.0 A and connected to
UFP
0
0
0
1
0
0
0
0
Advertise Default USB Current and
no connect (vOpen)
1
0
0
0
0
1
0
0
Advertise 1.5 A and no connect
(vOpen)
0
1
0
0
0
1
0
0
Advertise 3.0 A and no connect
(vOpen)
0
0
0
1
0
0
1
0
Proprietary Mode and no connect
(vOpen)
0
0
0
0
0
0
0
1
TABLE 4-3:
UFP CC MATCH SUMMARY
CC State
CC
THR0
CC_
THR1
CC
THR2
CC
THR3
CC
THR4
CC
THR5
CC
THR6
CC
THR7
Powered cable detected.
0
0
0
0
0
0
0
0
No Connect (SNK.Open)
0
0
0
0
0
0
0
0
DFP Connected and advertising
default USB current
1
0
0
0
0
0
0
0
DFP Connected and advertising 1.5
A
1
0
1
0
0
0
0
0
DFP Connected and advertising 3.0
A
1
0
1
0
1
0
0
0
DFP Connected and advertising pro-
prietary current
1
0
1
0
1
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com