Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD301BT Datasheet(PDF) 22 Page - Microchip Technology

Part # UPD301BT
Description  Stand-alone USB Type-C??Power Delivery 3.0 Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD301BT Datasheet(HTML) 22 Page - Microchip Technology

Back Button UPD301BT Datasheet HTML 18Page - Microchip Technology UPD301BT Datasheet HTML 19Page - Microchip Technology UPD301BT Datasheet HTML 20Page - Microchip Technology UPD301BT Datasheet HTML 21Page - Microchip Technology UPD301BT Datasheet HTML 22Page - Microchip Technology UPD301BT Datasheet HTML 23Page - Microchip Technology UPD301BT Datasheet HTML 24Page - Microchip Technology UPD301BT Datasheet HTML 25Page - Microchip Technology UPD301BT Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
UPD301B/C
DS00003412A-page 22
2020 Microchip Technology Inc.
4.3.2
DFP OPERATION
The device implements current sources to advertise current charging capabilities on both CC pins when operating as a
DFP.
When a UFP connection is established, the current driven across the CC pins creates a voltage across the UFP’s Rd
pull-down that can be detected by the integrated CC comparator. The voltages monitored are summarized in Table 4-
4. When connected to an active cable, an alternative pull-down (Ra) appears on the CC pin.
The DFP also integrates two 5V FETs for implementing the VCONN function. This is further discussed in Section 4.3.9,
"VCONN Operation".
4.3.3
RP CURRENT SOURCES
In order to advertise the current charging capabilities of the device via the integrated port power controller or external
power circuit, Rp current sources are used. The current source can be selected by software. Table 4-5 summarizes the
values supported by the current sources in regards to the programmed value.
The current source coupled with the CC pins for RP advertisement is also used for sampling the
CFG_SEL pin. When
the
CFG_SEL pin is sampled, current is steered away from the CC pins and no RP value is advertised.
4.3.4
UFP OPERATION
When operating as a UFP, the device applies an Rd pull-down on both CC lines and waits for a DFP connection from
the assertion of VBUS. The CC comparator is used to determine the advertised current charger capabilities supported
by the DFP.
4.3.5
DRP OPERATION (LEGACY)
In this configuration, software utilizes the device to alternate between a Source and Sink advertisement with an interval
of tDRP per the USB Type-C™ Specification.
TABLE 4-4:
SOURCE DETECTION
CC1
CC2
Connection State
CC Comparator State
VBUS VCONN
Open Open Nothing Attached
Monitor both CC pins for attach
Off
Off
Rd
Open UFP Attached
Monitor
CC1 for detach
On
Off
Open Rd
UFP Attached
Monitor
CC2 for detach
On
Off
Ra
Open Powered Cable, No UFP attached
Monitor
CC2 for UFP attach.
Monitor
CC1 for cable detach.
Off
Off
Open Ra
Powered Cable, No UFP attached
Monitor
CC1 for UFP attach.
Monitor
CC2 for cable detach.
Off
Off
Ra
Rd
Powered Cable, UFP attached
Monitor
CC2 for UFP detach.
CC1 is not monitored for detach.
On
On
Rd
Ra
Powered Cable, UFP attached
Monitor
CC1 for UFP detach.
CC2 is not monitored for detach.
On
On
Rd
Rd
Debug accessory mode attached
Monitor both CC pins for detach
Off
Off
Ra
Ra
Audio accessory mode attached.
Monitor both CC pins for detach
Off
Off
TABLE 4-5:
RP CURRENT SOURCES
DFP Advertisement
Current source
(1.7V to 5.5V)
RPx Value
Disabled
00b
Default USB Power
80 uA +/-20%
01b
1.5A @ 5V
180 uA +/-8%
10b
3.0A @ 5V
330 uA +/-8%
11b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com