Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA607 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607
Description  OPAx607 50-MHz, Low-Power, Rail-to-Rail Output CMOS Operational Amplifier for Cost Sensitive Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA607 Datasheet(HTML) 1 Page - Texas Instruments

  OPA607 Datasheet HTML 1Page - Texas Instruments OPA607 Datasheet HTML 2Page - Texas Instruments OPA607 Datasheet HTML 3Page - Texas Instruments OPA607 Datasheet HTML 4Page - Texas Instruments OPA607 Datasheet HTML 5Page - Texas Instruments OPA607 Datasheet HTML 6Page - Texas Instruments OPA607 Datasheet HTML 7Page - Texas Instruments OPA607 Datasheet HTML 8Page - Texas Instruments OPA607 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
OPAx607 50-MHz, Low-Power, Rail-to-Rail Output CMOS Operational Amplifier for
Cost Sensitive Systems
1 Features
• Gain Bandwidth Product (GBW): 50 MHz
• Quiescent Current: 900 µA (Typical)
• Broadband Noise: 3.8 nV/√Hz
• Input Offset Drift: 1.5 μV/°C (Maximum)
• Offset Voltage: 120 µV (Typical)
• Input Bias Current: 10 pA (Maximum)
• Rail-to-Rail Output (RRO)
• Decompensated, Gain ≥ 6 V/V (Stable)
• Power Down Current: 1 µA (Maximum)
• Supply Range: 2.2 V to 5.5 V
2 Applications
• Current-Sensing
• Fish Finders and Sonar
• Ultrasonic Flow Meters
• Garden and Power Tools
• Printers
• Light Curtains and Safety Guards
• Optical Modules
• Handheld Test Equipment
• PM2.5 and PM10 Particle Sensors
3 Description
The
OPA607
and
OPA2607
devices
are
decompensated, minimum gain of 6 V/V stable,
general-purpose CMOS operational amplifier with low
noise of 3.8 nV/√ Hz and a GBW of 50 MHz.
The low noise and wide bandwidth of the OPAx607
devices make them attractive for general-purpose
applications which require a good balance between
cost and performance. The high-impedance CMOS
inputs make the OPAx607 devices an ideal amplifier
to interface with sensors with high output impedance
(for example, piezoelectric transducers).
The OPAx607 devices feature a Power Down mode
with a maximum quiescent current of less than 1 µA,
making the device suitable for use in portable battery-
powered applications. The rail-to-rail output (RRO) of
the OPAx607 devices can swing up to 8 mV from the
supply rails, maximizing dynamic range.
The OPAx607 is optimized for low supply voltage
operation as low as 2.2 V (±1.1 V) and up to 5.5 V
(±2.75 V), and is specified over the temperature range
of –40°C to +125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
OPA607
SC70 (6)
2.00 mm × 1.25 mm
SOT23 (5)
2.90 mm × 1.60 mm
OPA2607
SOIC (8)
4.90 mm × 3.91 mm
VSSOP (8)
3.00 mm × 3.00 mm
X2QFN (10)
1.50 mm × 2.00 mm
(1)
See the orderable addendum at the end of the data sheet for
all available packages.
+
±
V
S+
R
G
R
G
R
F
V
REF
I
SH
V
TH
Short Circuit
Detection
LOAD
OPA607
R
EXT
C
EXT
+
±
TLV3201
ADS7042
V
S+
OPAx607 for Current-Sensing Application
LED driver
Transimpedance
stage
í
+
VREF
ADS7042
OPA607
Photodiode
CF
RF
OPAx607 for Transimpedance Application
www.ti.com
OPA607, OPA2607
SBOS981J – OCTOBER 2019 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: OPA607 OPA2607
OPA607, OPA2607
SBOS981J – OCTOBER 2019 – REVISED APRIL 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - OPA607

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA607 TI1-OPA607 Datasheet
562Kb / 21P
OPA607 50-MHz, Low-Power, Gain of 6-V/V Stable, Rail-to-Rail Output CMOS Operational Amplifier
OPA607 TI1-OPA607 Datasheet
3Mb / 50P
OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
OPA607 TI1-OPA607 Datasheet
915Kb / 28P
OPAX607 50-MHz, Low-Power, Gain of 6-V/V Stable, Rail-to-Rail Output CMOS Operational Amplifier
OPA607 TI-OPA607 Datasheet
2Mb / 43P
OPAx607 50-MHz, Low-Power, Gain of 6-V/V Stable, Rail-to-Rail Output CMOS Operational Amplifier
OPA607 TI-OPA607 Datasheet
2Mb / 45P
OPAx607 50-MHz, Low-Power, Rail-to-Rail Output CMOS Operational Amplifier for Cost Sensitive Systems
More results

Similar Description - OPA607

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV6001 TI1-TLV6001 Datasheet
2Mb / 36P
Low-Power, Rail-to-Rail In/Out, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV3541 TI1-TLV3541 Datasheet
1Mb / 31P
200-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV6001 TI1-TLV6001_16 Datasheet
2Mb / 37P
Low-Power, Rail-to-Rail In/Out, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV6001-Q1 TI1-TLV6001-Q1 Datasheet
1Mb / 26P
Low-Power, Rail-to-Rail In/Out, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV6001-Q1 TI1-TLV6001-Q1_18 Datasheet
1Mb / 32P
Low-Power, Rail-to-Rail In/Out, 1-MHz Operational Amplifier for Cost-Sensitive Systems
OPA607 TI-OPA607_V02 Datasheet
2Mb / 43P
OPAx607 50-MHz, Low-Power, Gain of 6-V/V Stable, Rail-to-Rail Output CMOS Operational Amplifier
OPA2607-Q1 TI-OPA2607-Q1 Datasheet
1Mb / 31P
OPAx607-Q1, Automotive, 50-MHz , Rail to Rail Output CMOS Operational Amplifier
OPA607 TI-OPA607_V03 Datasheet
2Mb / 45P
OPAx607 50-MHz, Low-Power, Rail-to-Rail Output CMOS Operational Amplifier for Cost Sensitive Systems
OPA607-Q1 TI-OPA607-Q1 Datasheet
1Mb / 35P
OPAx607-Q1, Automotive, 50-MHz , Rail to Rail Output CMOS Operational Amplifier
OPA607-Q1 TI-OPA607-Q1_V01 Datasheet
2Mb / 37P
OPAx607-Q1, Automotive, 50-MHz , Rail to Rail Output CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com