Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA607 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607
Description  OPAx607 50-MHz, Low-Power, Rail-to-Rail Output CMOS Operational Amplifier for Cost Sensitive Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA607 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA607 Datasheet HTML 6Page - Texas Instruments OPA607 Datasheet HTML 7Page - Texas Instruments OPA607 Datasheet HTML 8Page - Texas Instruments OPA607 Datasheet HTML 9Page - Texas Instruments OPA607 Datasheet HTML 10Page - Texas Instruments OPA607 Datasheet HTML 11Page - Texas Instruments OPA607 Datasheet HTML 12Page - Texas Instruments OPA607 Datasheet HTML 13Page - Texas Instruments OPA607 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
7.5 Electrical Characteristics (continued)
At TA = 25°C, VS = 2.2 V to 5.5 V, G = 6 V/V(5), RF = 5 kΩ, CF = 2.5 pF, VCM = (VS / 2) – 0.5 V, CL = 10 pF,
RL = 10 kΩ
connected to (VS / 2) – 0.5 V, and, PD connected to (VS+) (unless otherwise noted)(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
Output voltage swing from supply rails
8
12
mV
TA = – 40℃ to +125℃
12
ISC
Output Short-circuit current
60
mA
ZO
Open-loop output impedance
f = 1 MHz
500
Ω
POWER SUPPLY
IQ
Quiescent current per amplifier
IO = 0 mA
900
1100
µA
IO = 0 mA, TA = –40°C to +125°C
1200
POWER DOWN (Device Enabled When Floating)
Power Down quiescent current per amplifier(4)
PD = VS–
750
1000
nA
Power Down pin bias current per amplifier(7)
PD = VS–
–750
–1000
Enable voltage threshold
Logic-High threshold
0.7 x VS
V
Disable voltage threshold
Logic-Low threshold
0.2 x VS
tON
Turn-on time delay(2)
10
15
µs
tOFF
Turn-off time delay
0.5
(1)
Parameters with minimum or maximum specification limits are 100% production tested at 25ºC, unless otherwise noted. Over
temperature limits are based on characterization and statistical analysis.
(2)
Specified by design and characterization or both ; not production tested.
(3)
Production Tested at VS = 5.5V
(4)
In Power Down mode current drawn by the opamp is equal to the bias current sourced on the PD pin
(5)
All Gains (G) mentioned are in V/V unless otherwise noted.
(6)
Lowpass-filter bandwidth is 92kHz for f = 20 kHz and 20 kHz for f = 1 kHz.
(7)
Negative value of the Power Down bias current indicates current being sourced from the opamp's PD pin towards external circuit.
OPA607, OPA2607
SBOS981J – OCTOBER 2019 – REVISED APRIL 2021
www.ti.com
10
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA607 OPA2607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com