Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA855 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA855
Description  8-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, Bipolar Input Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA855 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA855 Datasheet HTML 9Page - Texas Instruments OPA855 Datasheet HTML 10Page - Texas Instruments OPA855 Datasheet HTML 11Page - Texas Instruments OPA855 Datasheet HTML 12Page - Texas Instruments OPA855 Datasheet HTML 13Page - Texas Instruments OPA855 Datasheet HTML 14Page - Texas Instruments OPA855 Datasheet HTML 15Page - Texas Instruments OPA855 Datasheet HTML 16Page - Texas Instruments OPA855 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS+ = 2.5 V, VS– = –2.5 V, VIN+ = 0 V, RF = 453 Ω, Gain = 7 V/V, RL = 200 Ω, and output load referenced to
midsupply (unless otherwise noted)
Common-Mode Voltage (V)
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-1.25
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
1.25
D566
Unit 1
Unit 2
Unit 3
VS+ = 5 V, VS– = 0 V
3 Typical Units
Figure 6-31. Offset Voltage vs Input Common-Mode Voltage
Common-Mode Voltage (V)
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
D567
D567
TA = 40qC
TA = +25qC
TA = +125qC
VS+ = 5 V, VS– = 0 V
Figure 6-32. Offset Voltage vs Input Common-Mode Voltage vs
Ambient Temperature
Output Voltage (V)
1
1.5
2
2.5
3
3.5
4
4.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
D569
Unit 1
Unit 2
Unit 3
VS+ = 5 V, VS– = 0 V
3 Typical Units
Figure 6-33. Offset Voltage vs Output Swing
Output Voltage (V)
1
1.5
2
2.5
3
3.5
4
4.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
D570
TA = -40qC
TA = +25qC
TA = +125qC
VS+ = 5 V, VS– = 0 V
Figure 6-34. Offset Voltage vs Output Swing vs Ambient
Temperature
Ambient Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
-18
-17
-16
-15
-14
-13
-12
-11
-10
-9
-8
-7
D571
Unit 1
Unit 2
Unit 3
3 Typical Units
Figure 6-35. Input Bias Current vs Ambient Temperature
Common-Mode Voltage (V)
1
1.5
2
2.5
3
3.5
4
4.5
-25
-20
-15
-10
-5
0
D572
TA = 40qC
TA = +25qC
TA = +125qC
VS+ = 5 V, VS– = 0 V
Figure 6-36. Input Bias Current vs Input Common-Mode Voltage
vs Ambient Temperature
www.ti.com
OPA855-Q1
SBOSA57A – FEBRUARY 2021 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: OPA855-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com