Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA855 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # OPA855
Description  8-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, Bipolar Input Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA855 Datasheet(HTML) 23 Page - Texas Instruments

Back Button OPA855 Datasheet HTML 19Page - Texas Instruments OPA855 Datasheet HTML 20Page - Texas Instruments OPA855 Datasheet HTML 21Page - Texas Instruments OPA855 Datasheet HTML 22Page - Texas Instruments OPA855 Datasheet HTML 23Page - Texas Instruments OPA855 Datasheet HTML 24Page - Texas Instruments OPA855 Datasheet HTML 25Page - Texas Instruments OPA855 Datasheet HTML 26Page - Texas Instruments OPA855 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
9.2.3 Application Curves
Photodiode capacitance (pF)
0
2
4
6
8
10
12
14
16
18
20
50
0
100
20
150
40
200
60
250
80
300
100
350
120
400
140
450
160
D609
f-3dB, RF = 6 k:
f-3dB, RF = 12 k:
IRN, RF = 6 k:
IRN, RF = 12 k:
Figure 9-2. Bandwidth and Noise vs Photodiode Capacitance
Feedback Resistance (k:)
4
6
8
10
12
14
16
18
20
100
20
150
40
200
60
250
80
300
100
350
120
D610
f-3dB, CF = 1.5 pF
f-3dB, CF = 2.5 pF
IRN, CF = 1.5 pF
IRN, RF = 2.5 pF
Figure 9-3. Bandwidth and Noise vs Feedback Resistance
10 Power Supply Recommendations
The OPA855-Q1 operates on supplies from 3.3 V to 5.25 V. The OPA855-Q1 operates on single-sided supplies,
split and balanced bipolar supplies, and unbalanced bipolar supplies. Because the OPA855-Q1 does not feature
rail-to-rail inputs or outputs, the input common-mode and output swing ranges are limited at 3.3-V supplies.
±
+
50-Ÿ 6RXUFH
V
I
+
V
S+
0.1 …F
R
T
49.9
R
G
75
R
F
453
6.8 …F
b) Split supply configuration
a) Single supply configuration
±
+
50-Ÿ 6RXUFH
V
I
+
V
S+
0.1 …F
R
T
49.9
R
G
75
R
F
453
6.8 …F
200
+
0.1 …F
6.8 …F
V
S±
200
V
S+
2
V
S+
2
V
S+
2
Figure 10-1. Split and Single Supply Circuit Configuration
www.ti.com
OPA855-Q1
SBOSA57A – FEBRUARY 2021 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: OPA855-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com