Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSRF07N65SL Datasheet(PDF) 5 Page - VBsemi Electronics Co.,Ltd

Part # SSRF07N65SL
Description  N-Channel 650V (D-S) Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

SSRF07N65SL Datasheet(HTML) 5 Page - VBsemi Electronics Co.,Ltd

  SSRF07N65SL Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd SSRF07N65SL Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd SSRF07N65SL Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd SSRF07N65SL Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd SSRF07N65SL Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd SSRF07N65SL Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd SSRF07N65SL Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd SSRF07N65SL Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd SSRF07N65SL Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Fig. 12 - Switching Time Test Circuit
Fig. 13 - Switching Time Waveforms
Fig. 14 - Unclamped Inductive Test Circuit
Fig. 15 - Unclamped Inductive Waveforms
Fig. 16 - Basic Gate Charge Waveform
Fig. 17 - Gate Charge Test Circuit
Pulse width
≤ 1 µs
Duty factor
≤ 0.1 %
R
D
V
GS
R
G
D.U.T.
10 V
+
-
V
DS
V
DD
V
DS
90 %
10 %
V
GS
t
d(on)
t
r
t
d(off)
t
f
R
G
IAS
0.01
Ω
tp
D.U.T
L
V
DS
+
-
V
DD
10 V
Vary tp to obtain
required IAS
IAS
VDS
VDD
VDS
tp
Q
GS
Q
GD
Q
G
VG
Charge
10 V
D.U.T.
3 mA
V
GS
V
DS
I
G
I
D
0.3 µF
0.2 µF
50 k
Ω
12 V
Current regulator
Current sampling resistors
Same type as D.U.T.
+
-
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
SSRF07N65SL
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com