Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSRF07N65SL Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # SSRF07N65SL
Description  N-Channel 650V (D-S) Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

SSRF07N65SL Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  SSRF07N65SL Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd SSRF07N65SL Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd SSRF07N65SL Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd SSRF07N65SL Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd SSRF07N65SL Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd SSRF07N65SL Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd SSRF07N65SL Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd SSRF07N65SL Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd SSRF07N65SL Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
N-Channel 650V (D-S) Power MOSFET
FEATURES
• Low figure-of-merit (FOM) Ron x Qg
• Low input capacitance (Ciss)
• Reduced switching and conduction losses
• Ultra low gate charge (Qg)
• Avalanche energy rated (UIS)
APPLICATIONS
• Server and telecom power supplies
• Switch mode power supplies (SMPS)
• Power factor correction power supplies (PFC)
• Lighting
- High-intensity discharge (HID)
- Fluorescent ballast lighting
• Industrial
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature.
b. VDD = 50 V, starting TJ = 25 °C, L = 28.2 mH, Rg = 25
Ω, IAS = 4.5 A.
c. 1.6 mm from case.
d. ISD
≤ ID, dI/dt = 100 A/μs, starting TJ = 25 °C.
PRODUCT SUMMARY
VDS (V) at TJ max.
650
RDS(on) max. at 25 °C (
Ω)VGS = 10 V
0.
Qg max. (nC)
43
Qgs (nC)
5
Qgd (nC)
22
Configuration
Single
N-Channel MOSFET
G
D
S
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
650
V
Gate-Source Voltage
VGS
± 30
Continuous Drain Current (TJ = 150 °C)
VGS at 10 V
TC = 25 °C
ID
A
TC = 100 °C
Pulsed Drain Current a
IDM
Linear Derating Factor
3.2
W/°C
Single Pulse Avalanche Energy b
EAS
mJ
Maximum Power Dissipation
PD
/34
W
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to +150
°C
Drain-Source Voltage Slope
TJ = 125 °C
dV/dt
15
V/ns
Reverse Diode dV/dt d
4.1
Soldering Recommendations (Peak Temperature) c
for 10 s
300
°C
TO-220AB
Top View
GD S
G D S
TO-220 FULLPAK
Top View
86
D2PAK
(TO-263)
G
D
S
106
0
10
8
.0
40
28
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
SSRF07N65SL
1


Similar Part No. - SSRF07N65SL

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSRF07N65SL SECOS-SSRF07N65SL Datasheet
540Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSRF07N65SL SECOS-SSRF07N65SL_15 Datasheet
540Kb / 5P
N-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSRF07N65SL

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
UT08N60 VBSEMI-UT08N60 Datasheet
1Mb / 10P
N-Channel 650V (D-S) Power MOSFET
UT09N65 VBSEMI-UT09N65 Datasheet
1Mb / 10P
N-Channel 650V (D-S) Power MOSFET
U4N65HA VBSEMI-U4N65HA Datasheet
1Mb / 9P
N-Channel 650V (D-S)Power MOSFET
TSM10N60CIC0 VBSEMI-TSM10N60CIC0 Datasheet
1Mb / 10P
N-Channel 650V (D-S) Power MOSFET
TSM12N65CIC0 VBSEMI-TSM12N65CIC0 Datasheet
1Mb / 10P
N-Channel 650V (D-S) Power MOSFET
TSP7N60S VBSEMI-TSP7N60S Datasheet
1Mb / 10P
N-Channel 650V (D-S) Power MOSFET
U3N60 VBSEMI-U3N60 Datasheet
1Mb / 9P
N-Channel 650V (D-S) Power MOSFET
SPP03N60C3 VBSEMI-SPP03N60C3 Datasheet
1Mb / 10P
N-Channel 650V (D-S) Power MOSFET
TSF10N65M VBSEMI-TSF10N65M Datasheet
1Mb / 10P
N-Channel 650V (D-S) Power MOSFET
TSM12N65CI VBSEMI-TSM12N65CI Datasheet
1Mb / 10P
N-Channel 650V (D-S) Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com