Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GOS-6103C Datasheet(PDF) 1 Page - Good Will Instrument Co., Ltd.

Part # GOS-6103C
Description  100MHz CURSOR READOUT ANALOG OSCILLOSCOPE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWINSTEK [Good Will Instrument Co., Ltd.]
Direct Link  https://www.gwinstek.com/
Logo GWINSTEK - Good Will Instrument Co., Ltd.

GOS-6103C Datasheet(HTML) 1 Page - Good Will Instrument Co., Ltd.

  GOS-6103C Datasheet HTML 1Page - Good Will Instrument Co., Ltd. GOS-6103C Datasheet HTML 2Page - Good Will Instrument Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GOS-6112/6103/6103C (100 MHz)
GOS-6112
Voltage Percentage Measurement
Time Percentage Measurement
Time Measurement
Phase Measurement
Voltage Measurement
Frequency Measurement
* 100MHz Bandwidth, Dual Channel, Delayed
Sweep
* Built-In 6 digits Universal Counter (GOS-6103C)
* Cursor Readout with 7 Measurements
* 10 Sets Memory for Front Panel Setting Save
& Recall (GOS-6103/GOS-6103C)
* Panel Setup Lock of Digital-Control Functions
* Time Base Auto-range (GOS-6103/GOS-6103C)
* Buzzer Alarm
* LED Indicators
* TV Synchronization
* Trigger Signal Output
* Z-Axis Modulation Input
* SMD Technology, High Stability and Reliability
FEATURES
Made to Measure.
Good Will Instrument Co., Ltd.
FUNCTIONS
CURSOR MEASUREMENT
The unique, easy-to-use cursor and numerical
readouts make waveform observation and
measurement easier, faster and more accurate.
The on-screen cursors provide seven
measurement functions (
V,
V%,
VdB,
T,
1/
T,T%,
)
A29
A30
GOS-6112
GOS-6103/6103C
100MHz CURSOR READOUT ANALOG OSCILLOSCOPE
CRT
VERTICAL SYSTEM
HORIZONTAL SYSTEM
TRIGGER
X-Y OPERATION
OUTPUT SIGNAL
6-inch rectangular type with internal graticule; 0%, 10%, 90% and 100% markers
8 x 10 div (1 div = 1 cm)
16 kV approx. (GOS-6103/GOS-6103C), 12kV approx. (GOS-6112)
Continuously adjustable (GOS-6103/GOS-6103C)
Coupling : DC
Sensitivity: 5V or more
Maximum input voltage : 30V (DC + AC peak) at 1kHz or less
Bandwidth : DC ~ 5 MHz
2mV~5V/div, 11 step in 1-2-5 sequence
3% (5div at the center of display)
Continuously variable to 1/2.5 or less of panel-indicate value
DC~100MHz(2mV/div:DC~20MHz)
Leading edge can be monitored
400V(DC+AC peak) at 1kHz or less
AC, DC, GND
1M
2% // approx. 25pF
CH1,CH2,DUAL(CHOP/ALT), ADD, CH2 INV.
20MHz
50:1 or better at 50kHz
8 div at 60MHz; 5div at 100MHz (GOS-6112)
8 div at 100MHz (GOS-6103/GOS-6103C)
3.5ns (2mV/div:17.5ns)
AUTO, NORM,TV
CH1,CH2,LINE,EXT
AC,DC,HFR,LFR
"+" or "-" polarity or TVsync polarity
Mode
Frequency
10 Hz ~ 20 MHz
20 MHz ~ 100 MHz
DC ~ 20 MHz
20 MHz ~ 100 MHz
sync signal
INT
0.35 div
1.5 div
0.35 div
1.5 div
1 div
EXT
50 mV
150 mV
50 mV
150 mV
AUTO
NORM
TV
TV-V, TV-H
400V(DC+AC
) at 1kHz
1M
5% // approx.25pF
+
_
+
_
+
_
+
_
<
_
X-axis: selectable CH1, CH2, EXT ; Y-axis: selectable CH1, CH2, CH1 and CH2
2mV~5V/div 3% ; EXT : 0.1V/div
5%
+
_
+
_
DC~500kHz(-3dB)
3 or less from DC~50kHz
MAIN(A), ALT, DELAY(B)
50ns~0.5s/div, continuously variable (UNCAL)
50ns~50ms/div
3% ( 5% at x 10 MAG)
Variable
1 s~5s
Better than 1:20000
x 10 (maximum sweep time 5nS/div)
Variable
200 mVpp
peak
W
Type
Accelerating Potential
Illumination
Z-axis input
Sensitivity
Sensitivity Accuracy
Vernier Vertical Sensitivity
Bandwidth(-3dB)
Rise Time
Signal Delay
Max. Input Voltage
Input Coupling
Input Impedance
Vertical Mode
Bandwidth Limited
Common-Mode Rejection Ratio
Dynamic Range
Horizontal Modes
A(main) Sweep Time
B(delay) Sweep Time
Accuracy
Sweep Magnification
Hold Off Time
Delay Time
Delay Jitter
Alternate Separation
Trigger Modes
Trigger Source
Trigger Coupling
Trigger Slope
Trigger Sensitivity
TV sync
Max. External Input Voltage
External Input Impedance
X-axis Bandwidth
Phase Error
Mode
Sensitivity Accuracy
Trigger Signal Output
Calibrator Output
Voltage: approx. 25mV/div into 50
; Frequency response : DC ~ 10MHz
1kHz Square wave, 2Vpp 2%
+
_
SPECIFICATIONS
CURSOR READOUT FUNCTION
SPECIAL FUNCTION
AUTO MEASUREMENT FUNCTION (GOS-6103C)
POWER SOURCE
DIMENSIONS & WEIGHT
ACCESSORIES :
Cursor Measurement Function
Cursor Resolution
Effective Cursor Range
Panel Setting Display
Panel Setting Save & Recall
Panel Setups Lock
TIME/DIV Auto Range
Parameter Function
Display Digits
Frequency Range
Accuracy
Measuring Sensitivity
V, V%, VdB, T, 1/ T, T%,
Vertical:
3div ; Horizontal:
4 div
1/100 div
Vertical: V/div(CH1,CH2),UNCAL,ALT/CHOP/ADD,INV, probe factor,AC/DC/GND
Horizontal: s/div(MTB, DTB), UNCAL, x 10MAG, delay time , Hold-off
Trigger: source, coupling, slope, level, TV-V, TV-H
Others: X-Y, lock, save/recall MEM 0-9 (GOS-6103/GOS-6103C)
Provided (GOS-6103/GOS-6103C)
FREQ, PERIOD, WIDTH, DUTY (+ or - polarity selected by trigger slope)
Max. 6-digits, decimal
50Hz ~ 100MHz
1kHz ~ 100MHz : 0.01% ; 50Hz ~ 1kHz : 0.05%
> 2 div (Measuring source selected from CH1 and CH2 as synchronous signal sources)
10 sets (GOS-6103/GOS-6103C)
Provided
+
_
+
_
+
_
+
_
+
_
+
_
AC 100V/120V/230V 10% , 50/60Hz
310(W) x 150(H) x 455(D) mm ; Approx. 9kg
User manual x 1, Power cord x 1
+
_
GOS-6112
GOS-6103
GOS-6103C
100MHz, 2-channel, Analog Oscilloscope
100MHz, 2-channel, Analog Oscilloscope
100MHz, 2-channel, Analog Oscilloscope with 100MHz Frequency Counter
GTC-001 Instrument Cart, 450(W) x 430(D) mm (120V Input Socket)
GTC-002 Instrument Cart, 330(W) x 430(D) mm (120V Input Socket)
SPECIFICATIONS
GOS-6103C Without
Approval
GTL-110 Test Lead, BNC-BNC Heads
GTP-100A-2 : 100MHz ( 10 : 1/1 :1 ) Switchable Passive Probe (one per channel)
Rear Panel
ORDERING INFORMATION
OPTIONAL ACCESSORIES
The GOS-6100 Series is a 100MHz, two-channel, dual-sweep, portable oscilloscope for general purpose
use. A microprocessor-based operating system controls most of the functions of the instrument, in
cluding cursor readout and digitized panel setting.
On-screen alphanumeric readout and cursor function for voltage, time, frequency and phase
measurement provide extraordinary operational convenience. The advance Time Base Auto-rang fun
ction conveniently acquires waveforms at the push of button (GOS-6103/ 6103C). Ten different user
defined instrument settings (GOS-6103/ 6103C) can be saved and recalled without restriction.
The vertical deflection system has two input channels. Each channel has 11 basic deflection factors
from 2mV to 5V per division. The horizontal deflection system provides single, dual or delayed sweeps
from 0.5s to 50ns per division (delayed sweep, 50ms to 50ns per division). The trigger system provides
stable triggering over the full bandwidth of the vertical deflection system.


Similar Part No. - GOS-6103C

ManufacturerPart #DatasheetDescription
logo
Good Will Instrument Co...
GOS-620 GWINSTEK-GOS-620 Datasheet
286Kb / 1P
35MHz/20MHz ANALOG OSCILLOSCOPE
GOS-620FG GWINSTEK-GOS-620FG Datasheet
89Kb / 1P
20MHz ANALOG OSCILLOSCOPEFUNCTION GENERATOR
GOS-622G GWINSTEK-GOS-622G Datasheet
286Kb / 1P
35MHz/20MHz ANALOG OSCILLOSCOPE
GOS-635G GWINSTEK-GOS-635G Datasheet
286Kb / 1P
35MHz/20MHz ANALOG OSCILLOSCOPE
More results

Similar Description - GOS-6103C

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CWB201 CALOGIC-CWB201 Datasheet
53Kb / 5P
100MHz CMOS/DMOS Wideband Quad Analog Switch
CWB211 CALOGIC-CWB211 Datasheet
52Kb / 5P
100MHz CMOS/DMOS Wideband Analog Switch
logo
Intersil Corporation
HA-2547 INTERSIL-HA-2547 Datasheet
836Kb / 8P
100MHz, Two Quadrant, Current Output, Analog Multiplier
September 1998
logo
Agilent(Hewlett-Packard...
N2862A HP-N2862A Datasheet
282Kb / 4P
Oscilloscope Probe
logo
Maxim Integrated Produc...
MAX5717 MAXIM-MAX5717 Datasheet
4Mb / 22P
Digital Oscilloscope
Rev 0; 6/16
logo
TEKTRONIX, INC.
TBS2000B TEKTRONIX-TBS2000B Datasheet
2Mb / 18P
Digital Storage Oscilloscope
logo
Good Will Instrument Co...
GDS-2000 GWINSTEK-GDS-2000 Datasheet
469Kb / 2P
200MHz/100MHz/60MHz Digital Storage Oscilloscope
GOS-620FG GWINSTEK-GOS-620FG Datasheet
89Kb / 1P
20MHz ANALOG OSCILLOSCOPEFUNCTION GENERATOR
GOS-635G GWINSTEK-GOS-635G Datasheet
286Kb / 1P
35MHz/20MHz ANALOG OSCILLOSCOPE
logo
TEKTRONIX, INC.
MSO54 TEKTRONIX-MSO54 Datasheet
6Mb / 32P
Mixed Signal Oscilloscope
25 May 2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com