Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESM2BD Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # ESM2BD
Description  Super-mini Signal Conditioners Mini-M Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

ESM2BD Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  ESM2BD Datasheet HTML 1Page - M-System Co.,Ltd. ESM2BD Datasheet HTML 2Page - M-System Co.,Ltd. ESM2BD Datasheet HTML 3Page - M-System Co.,Ltd. ESM2BD Datasheet HTML 4Page - M-System Co.,Ltd. ESM2BD Datasheet HTML 5Page - M-System Co.,Ltd. ESM2BD Datasheet HTML 6Page - M-System Co.,Ltd. ESM2BD Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MODEL: M2BD
M2BD SPECIFICATIONS
ES-5002 Rev.10 Page 1/7
http://www.m-system.co.jp/
Super-mini Signal Conditioners Mini-M Series
COMMUNICATION CONTROLLER
(DeviceNet)
Functions & Features
• Receiving up to 16 Mini-M modules
• Enabling interfacing analog I/Os to DeviceNet
• Power supplied through printed wiring on the base
SPAN
SPAN
Model
SPAN
ZERO
Model
SPAN
ZERO
Model
SPAN
ZERO
Model
SPAN
ZERO
Model
SPAN
ZERO
Model
ZERO
Model
ZERO
Model
SPAN
ZERO
Model
SPAN
ZERO
Model
SPAN
ZERO
Model
SPAN
ZERO
Model
SPAN
ZERO
Model
SPAN
ZERO
Model
SPAN
ZERO
Model
SPAN
ZERO
Model
SPAN
ZERO
MODEL: M2BD–[1][2]-[3][4]
ORDERING INFORMATION
• Code number: M2BD-[1][2]-[3][4]
Specify a code from below for each of [1] through [4].
(e.g. M2BD-161-R/UL)
Power input specification for each I/O modules must be the
same as that of the base.
[1] CAPACITY
04: 4 positions
08: 8 positions
16: 16 positions
[2] I/O TYPE
1: Input
2: Output
[3] POWER INPUT
AC Power
K: 85 – 132 V AC
(Operational voltage range 85 – 132 V, 47 – 66 Hz)
(CE or UL not available)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[4] OPTIONS
Standards & Approvals
blank: Without UL or CE
/UL: UL approval, CE marking
RELATED PRODUCTS
• Programming Unit (model: PU-2x)
GENERAL SPECIFICATIONS
Capacity: 4, 8 or 16 positions
Connection
DeviceNet: Euro type connector terminal (applicable
wire size: 0.2 to 2.5 mm2, stripped length 7 mm)
I/O: M3 screw terminals (torque 0.8 N·m)
Power input: M3 screw terminals (torque 0.8 N·m)
Screw terminal: Nickel-plated steel
Isolation: I/O to DeviceNet to power to FG1
Power indicator: Green LED turns on with power supplied.
DeviceNet COMMUNICATION
Transmission cable: Approved for DeviceNet
Node address setting: DIP switch; 00 – 63
Baud rate setting: DIP switch
125 kbps (factory default), 250 kbps, 500 kbps
MS (Module Status) indicator: Bi-color (green/red) LED
indicates device status.
NS (Network Status) indicator: Bi-color (green/red)
LED indicates status of the communication link.
INPUT SPECIFICATIONS
Input modules: Mini-M series; output 1 – 5 V DC;
(Each input must be isolated by signal conditioners. Non-
isolated modules such as M2BW is not usable.)
■ Analog Input
Input range: See each I/O module spec.
Voltage at the field I/O terminals limited within 30 V DC for
UL.
Isolation: transformer (by Mini-M module)
A/D conversion output: 16-bit binary
Signal range 0 – 100 % is converted into hexadecimal 0000
– 1770 (0 – 6000). -15 to 0 % is represented by 2’s
complements.
Overall range is represented by hexadecimal FC7C – 1AF4
(-900 – +6900), for -15 – +115 %.
Note: In the firmware version 3.00 or later, analog input
range 0 – 100% can be converted into hexadecimal 0000 –
2710 (0 – 10000).
In addition, negative values of analog input range -15 to 0%
can be converted into signed absolute values.
Refer to the instruction manual for details.
OUTPUT SPECIFICATIONS
Output modules: Model M2VS; input 1 – 5 V DC
■ Analog Output
Output range: See model M2VS spec.


Similar Part No. - ESM2BD

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
ESM2BC MSYSTEM-ESM2BC Datasheet
231Kb / 8P
Super-mini Signal Conditioners Mini-M Series
ESM2BS2 MSYSTEM-ESM2BS2 Datasheet
196Kb / 5P
Super-mini Signal Conditioners Mini-M Series
ESM2BS8 MSYSTEM-ESM2BS8 Datasheet
130Kb / 4P
Super-mini Signal Conditioners Mini-M Series
More results

Similar Description - ESM2BD

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M2AP MSYSTEM-M2AP Datasheet
133Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2AMS2 MSYSTEM-M2AMS2 Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2DYS MSYSTEM-M2DYS Datasheet
106Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2DYHR MSYSTEM-M2DYHR Datasheet
107Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2BW MSYSTEM-M2BW Datasheet
88Kb / 2P
Super-mini Signal Conditioners Mini-M Series
M2LMS MSYSTEM-M2LMS Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2FV MSYSTEM-M2FV Datasheet
113Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2PHS2 MSYSTEM-M2PHS2 Datasheet
128Kb / 5P
Super-mini Signal Conditioners Mini-M Series
M2XV2 MSYSTEM-M2XV2 Datasheet
118Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2VF MSYSTEM-M2VF Datasheet
111Kb / 6P
Super-mini Signal Conditioners Mini-M Series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com