Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESM2BD Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # ESM2BD
Description  Super-mini Signal Conditioners Mini-M Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

ESM2BD Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  ESM2BD Datasheet HTML 1Page - M-System Co.,Ltd. ESM2BD Datasheet HTML 2Page - M-System Co.,Ltd. ESM2BD Datasheet HTML 3Page - M-System Co.,Ltd. ESM2BD Datasheet HTML 4Page - M-System Co.,Ltd. ESM2BD Datasheet HTML 5Page - M-System Co.,Ltd. ESM2BD Datasheet HTML 6Page - M-System Co.,Ltd. ESM2BD Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MODEL: M2BD
M2BD SPECIFICATIONS
ES-5002 Rev.10 Page 2/7
http://www.m-system.co.jp/
Isolation: Transformer
D/A conversion output: 16-bit binary
Signal range 0 – 100 % is converted into hexadecimal 0000
– 1770 (0 – 6000). -15 to 0 % is represented by 2’s
complements.
Overall range is represented by hexadecimal FC7C – 1AF4 (-
900 – +6900), for -15 – +115 %.
Note: In the firmware version 3.00 or later, analog output
range 0 – 100% can be converted into hexadecimal 0000 –
2710 (0 – 10000).
In addition, negative values of analog output range -15 to
0% can be converted into signed absolute values.
Refer to the instruction manual for details.
INSTALLATION
Power Consumption:
•AC:
approx. 6 VA without I/O module
approx. 30 VA with 4 modules (M2DY)
approx. 50 VA with 8 modules (M2DY)
approx. 90 VA with 16 modules (M2DY)
Current consumption:
•DC
approx. 0.25 A without I/O module
approx. 1 A with 4 modules (M2DY)
approx. 1.5 A with 8 modules (M2DY)
approx. 2.5 A with 16 modules (M2DY)
Supply voltage to network: 11 – 25 V DC supplied through
the network terminal block
Supply current to network: 60 mA max. @ 24 V
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Surface
Weight: Without I/O module
M2BD-04 1.2 kg (2.6 lb)
M2BD-08 1.5 kg (3.3 lb)
M2BD-16 2 kg (4.4 lb)
PERFORMANCE in percentage of span
A/D conversion: Accuracy of input module ±0.1%
D/A conversion: Accuracy of M2VS ±0.1 %
Permissible power failure duration: ≤ 10 msec.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1000 V AC @1 minute (power to I/O
module to DeviceNet module to FG1)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Measurement Category II (input)
Pollution Degree 2
Input or output to power: Reinforced insulation (300 V)
Input to output: Basic insulation (300 V)
RoHS Directive
EN 50581
Approval:
UL/C-UL nonincendive Class I, Division 2,
Groups A, B, C, and D
(ANSI/ISA-12.12.01, CAN/CSA-C22.2 No.213)
UL/C-UL general safety requirements
(UL 3111-1, CAN/CSA-C22.2 No.1010-1)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com