Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D349LS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # D349LS
Description  IN-PHASE 4-WAY DIVIDERS/COMBINERS, POWER SMA/TYPE N 0.5-18 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

D349LS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  D349LS Datasheet HTML 1Page - List of Unclassifed Manufacturers D349LS Datasheet HTML 2Page - List of Unclassifed Manufacturers D349LS Datasheet HTML 3Page - List of Unclassifed Manufacturers D349LS Datasheet HTML 4Page - List of Unclassifed Manufacturers D349LS Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
An MCE Company
TRIANGLE
C O R P O R A T I O N
KE Y
: Inches[Millimeters] .XX ±.03 .XXX ±.010 [.X ±0.8 .XX ±0.25]
60 South Jefferson Road, Whippany, NJ 07981
Tel: 973-887-8100 • Fax: 973-884-0445
E-Mail: kdisales@aol.com
See us on the web @ www.kditriangle.com
10/98
4 WAY
DIVIDER/COMBINERS, POWER
GENERAL INFORMATION
The Model D366KS includes an equal four way power divider with
Type N input and 4 SMA outputs. An isolated monitor port directional
coupler with a BNC output connector is provided with a closely cali-
brated 20dB coupling value. Stripline construction and KDI high power
Berrylium Oxide resistors employed in the design can readily be
adapted to new custom applications.
ELECTRICAL SPECIFICATIONS
Model:
D366KS
Connectors:
See Outline
Frequency Range:
800–900 MHz
VSWR:
1.35:1 Maximum
INS Loss:
6.6 dB Maximum
Isolation:
24.0 dB Minimum J2-J3, J4-J5
–40 dB Minimum (Coupler) J1-J6
29 dB Minimum
All Other Combiner Combinations
Coupling:
–20 ± .5 dB
Amplitude Balance:
±0.5 dB Maximum
Phase Balance:
±2° Maximum
RF Power:
2 Watts Maximum
Operating Temperture:
–30° to +70°C
PRESS IN ‘N’ FEM CONN
MATES WITN ‘N’ MALE
PER MIL-C-39012
KDI
64537
D36KS
D/C
J5
J4
J3
J2
J1
.65
[16,51]
.65[16,51]
.13[3.30]
3.750[95,3]
.59[14,99]
PRESS IN TYPE SMA FEM
MATES WITH SMA MALE CONN
PER MIL-C-39012 4 PLS.
1.00[25,4]
1.00
[25,4]
3.00[76,2]
2.750[69,91]
.13
[3.30]
TYP 3 PLS
.190[0,483] DIA THRU 4 PLS
4.00[101,6]
.80[20,3]
MATES WITH BNC
MALE CONN
PER MIL-C-39012
.26[6,60]
.67[17,02]
MAX.
J6
.50
[12,7]
.50
[12,7]
1.00
[25,4]
20 dB Coupler
2
Way
Div
2
Way
Div
2
Way
Div
J1
J6
J2
J3
J4
J5
SCHEMATIC
S
S
S
S
N
B
50
Ω
ELECTRICAL SPECIFICATIONS
Model:
D331MS
Connectors:
Type N
Frequency Range:
800-960 MHz
VSWR:
Out 2.0:1 Maximum—unterminated input
1.6:1 Maximum—terminated input
Isolation:
15 dB Minimum output to input
20 dB Minimum output to output
Insertion Loss:
–8.0 dB Maximum (incl. divide loss)
RF Power:
2 Watts Maximum
Amplitude Balance:
±0.5 dB Maximum
Phase Balance:
±2° Maximum
Operating Temperture:
–30° to +70°C
.25
[6,4]
3.500[88,9]
4.00[101,6]
.750
[19,1]
.88
[22,35]
2.85
[72,4]
MATES WITH TYPE`N`MALE
CONN PER MIL-C-39012
5 PLS
KDI
64537
D331MS
D/C
2.00[50,8]
.69[17,53]
TYP 6 PLS
M4x0.7 LOCKING INSERT, 2 PLCS
MTG SCREW SHALL NOT EXTEND MORE THAN
.20[5,1] INTO COMPONENT, C'SINK 90
° TO .220[5,59] DIA.
1.000
[25,4]
3.000[76,2]
.59
[14,99]
DIA M
.005
5 CONN`S
TYP
2 MTG
HOLES
.270[6,86] DIA. THRU
2 MTG HOLES
.375[9,53]
.375[9,53]
KDI
64537
D317NS
S/N
D/C
RF IN
RF OUT
RF OUT
RF OUT
RF OUT
.12[3,1] DIA. HOLES
2 PLS.
MATES WITH SMA MALE
CONN (5) PER MIL-C-39012
.58
[14,7]
.20
[5,1]
1.50
[38,1]
3.00
[76,2]
2.600
[66,04]
3.00
[76,2]
.56
[14,2]
.29
[7,4]
.29
[7,4]
1.19
[30,2]
1.81
[46,0]
2.44
[62,0]
1.50
[38,1]
ELECTRICAL SPECIFICATIONS
Model:
D317NS
Connectors:
SMA
Frequency Range:
800–2000 MHz
Insertion Loss:
1.2 Maximum above 6 dB
Isolation:
30 dB typ. 23 dB Minimum
VSWR:
In:
1.25 Maximum typ.
Out::
1.15 Maximum typ.
Amplitude Balance:
0.3 dB Maximum
Phase Balance:
±2˚ Maximum
RF Power:
+20 dBm Maximum
Operating Temperture:
–30° to +70°C
Housing Material::
Metalized Plastic



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com