Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D349LS Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # D349LS
Description  IN-PHASE 4-WAY DIVIDERS/COMBINERS, POWER SMA/TYPE N 0.5-18 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

D349LS Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  D349LS Datasheet HTML 1Page - List of Unclassifed Manufacturers D349LS Datasheet HTML 2Page - List of Unclassifed Manufacturers D349LS Datasheet HTML 3Page - List of Unclassifed Manufacturers D349LS Datasheet HTML 4Page - List of Unclassifed Manufacturers D349LS Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
10/98
An MCE Company
TRIANGLE
C O R P O R A T I O N
KEY: Inches[Millimeters] .XX ±.03 .XXX ±.010 [.X ±0.8 .XX ±0.25]
60 South Jefferson Road, Whippany, NJ 07981
Tel: 973-887-8100 • Fax: 973-884-0445
E-Mail: kdisales@aol.com
See us on the web @ www.kditriangle.com
6 WAY
DIVIDERS/COMBINERS, POWER
ELECTRICAL SPECIFICATIONS
Model:
D315MS
Connectors:
SMA
Frequency Range:
800-900 MHz
VSWR:
1.3:1 Maximum
Isolation:
24 dB Minimum
Insertion Loss:
15.5 dB ± 0.25 dB
RF Power:
30 dBm Maximum @ (J1) Port
Amplitude Balance:
± 0.5 dB Maximum
Phase Balance:
± 3° Maximum
Operating Temperture:
–30° to +70°C
ELECTRICAL SPECIFICATIONS
Model:
D365MS
Connectors:
SMA
Frequency Range:
400-2000 MHz
Insertion Loss above 7.8 dB:
1.5 dB
Isolation:
14 dB Minimum
VSWR:
1.35:1 Maximum
RF Power:
1 Watt Maximum @ Input Port
100 milliwatts Maximum/Port as a
Combiner
Amplitude Balance:
± 0.7 dB Maximum
Phase Balance:
± 5° Maximum
Operating Temperture:
–30° to +70°C
ELECTRICAL SPECIFICATIONS
Model:
D357KS
Connectors:
Type N
Frequency Range:
800-960 MHz
VSWR:
1.35:1 Maximum all ports
Isolation:
20.0 dB Minimum
Insertion Loss:
9.0 dB Maximum (incl. divide loss)
RF Power:
5 W Maximum
Amplitude Balance:
± 0.5 dB Maximum
Phase Balance:
± 3° Maximum
Operating Temperture:
–30° to +70°C
ELECTRICAL SPECIFICATIONS
Model:
D308MS
Connectors:
SMA
Frequency Range:
824-925 MHz
VSWR:
1.2:1 Maximum
Isolation:
20 dB Minimum
Insertion Loss:
8.2 dB Maximum (incl. div. loss)
RF Power:
4.0 Watts CW Total @ input
Amplitude Balance:
± 0.5 dB Maximum
Phase Balance:
± 3° Maximum
Operating Temperture:
–30° to +70°C
SCHEMATIC DIAGRAM
J7 J6 J5 J4 J3 J2 J1
KDI
64537
D315MS
D/C
.56
[14,22]
.63[16,0]
(5) PLACES
.75
[19,1]
2.00
[50,8]
5.00[127,0]
4.600[116,8]
.20
[5,1]
.50
[12,7]
.25
[6,4]
.27[6,86]
TYP 7 PLACES
MATE WITH SMA MALE
CONNECTOR PER MIL-C-39012
(7) PLACES
J7
J6
J5
J4
J3
J2
J1
#6-32 UNC-2B
ACCEPT #6-32 UNC-2A X .31[7,87]
(2) PLACES
6.00[152,4]
.56
[14,22]
.24
[6,10]
2.000
[50,8]
4.00
[101,6]
KDI
64537
D365MS
S/N
D/C
1.00
[25,4]
TYP
.12
[3,05]
0.125[3,18] DIA
2 PLS
MATES WITH
SMA MALE CONNECTOR
PER MIL-C-39012
7 PLCS
5.750[146,1]
.50
[12,7]
3.00[76,2]
KDI
64537
D308MS
D/C
MATE WITH SMA MALE
CONN PER MIL-C-39012
7 PLACES
J2
J3
J4
INPUT
J5
.125[3,18] DIA.
4 MTG. HOLES
J1
.13[3,3]
3.240[82,3]
3.50[88,9]
1.00[25,4]
1.50[38,1]
2.00[50,8]
.50
[12,7]
.13[3,3]
1.740
[44,2]
.27[6,86]
2.00
[50,8]
.25[6,4]
.50[12,7]
J6
J7
2.50[63,5]
3.00[76,2]
.25
[6,4]
5.500[139,7]
6.00[152,4]
.50
[12,7]
1.000
[25,4]
5 PLS
.75
[19,1]
.88
[22,35]
1.62
[41,15]
.59
[14,99]
.270[6,86]
DIA. THRU
2 MTG HOLES
MATES WITH TYPE`N`MALE
CONN PER MIL-C-39012
7 PLS
KDI
64537
D357KS
D/C
MFG
3.00[76,2]
1.00
[25,4]
2.000[5,1]
4.000[101,6]
.38[9,7] TYP
CV90-14333-1 REL 12
M4x0.7[17,8] LOCKING INSERT, 3 PLCS
MTG SCREW SHALL NOT EXTEND MORE THAN
.20[5,1] INTO COMPONENT CSINK 90
° TO .220[5,59] DIA.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com