Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3DA752 Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # 3DA752
Description  TO-251 Plastic-Encapsulated Transistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

3DA752 Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  3DA752 Datasheet HTML 1Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TO-251 Plastic-Encapsulate
d Transistors
3DA752 TRANSISTOR (NPN)
FEATURES
Power dissipation
PCM:
1.2
W (Tamb=25
℃)
Collector current
ICM:
2
A
Collector-base voltage
V(BR)CBO:
40
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=
100µA, IE=0
40
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic=
10mA, IB=0
30
V
Emitter-base breakdown voltage
V(BR)EBO
IE=1mA, IC=0
5
V
Collector cut-off current
ICBO
VCB=40V, IE=0
0.1
µA
Emitter cut-off current
IEBO
VEB=5V, IC=0
0.1
µA
DC current gain
hFE(1)
VCE=2V, IC=500mA
100
400
VCE(sat)1
IC=2A, IB=0.2A
0.8
V
Collector-emitter saturation voltage
VCE(sat)2
IC=1.5A, IB=30mA
2
V
Transition frequency
fT
VCE=5V, IC=500mA
120
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
13
pF
CLASSIFICATION OF
hFE(1)
Rank
O
Y
G
Range
100-200
160-320
200-400
Marking
1
2
3
TO-251
1. BASE
2. COLLECTOR
3. EMITTER
Transys
Electronics
LI M ITE D


Similar Part No. - 3DA752

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
3DA752 JIANGSU-3DA752 Datasheet
348Kb / 2P
TO-251-3L Plastic-Encapsulate Transistors
logo
Inchange Semiconductor ...
3DA752 ISC-3DA752 Datasheet
297Kb / 3P
Silicon NPN Power Transistor
3DA752 ISC-3DA752 Datasheet
279Kb / 3P
Silicon NPN Power Transistor
3DA752-251 ISC-3DA752-251 Datasheet
297Kb / 3P
Silicon NPN Power Transistor
3DA752-252 ISC-3DA752-252 Datasheet
279Kb / 3P
Silicon NPN Power Transistor
More results

Similar Description - 3DA752

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C2611 ETC-C2611 Datasheet
852Kb / 1P
TO-251 Plastic-Encapsulate Transistors
3DD13002 ETC-3DD13002 Datasheet
51Kb / 1P
TO-251 Plastic-Encapsulate Transistors
logo
Tiger Electronic Co.,Lt...
LM78M05P TGS-LM78M05P Datasheet
127Kb / 2P
TO-251 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SC2983 JIANGSU-2SC2983 Datasheet
1Mb / 3P
TO-251-3L Plastic-Encapsulate Transistors
2SD1758 JIANGSU-2SD1758 Datasheet
404Kb / 2P
TO-251-3L Plastic-Encapsulate Transistors
2SD1802 JIANGSU-2SD1802 Datasheet
1Mb / 3P
TO-251-3L Plastic-Encapsulate Transistors
3DA752 JIANGSU-3DA752 Datasheet
348Kb / 2P
TO-251-3L Plastic-Encapsulate Transistors
2SA1700 JIANGSU-2SA1700 Datasheet
766Kb / 3P
TO-251-3L Plastic-Encapsulate Transistors
D882M JIANGSU-D882M Datasheet
1Mb / 3P
TO-251-3L Plastic-Encapsulate Transistors
MJD31C JIANGSU-MJD31C Datasheet
913Kb / 3P
TO-251-3L Plastic-Encapsulate Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com