Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE906 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE906
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE906 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CDCE906 Datasheet HTML 9Page - Texas Instruments CDCE906 Datasheet HTML 10Page - Texas Instruments CDCE906 Datasheet HTML 11Page - Texas Instruments CDCE906 Datasheet HTML 12Page - Texas Instruments CDCE906 Datasheet HTML 13Page - Texas Instruments CDCE906 Datasheet HTML 14Page - Texas Instruments CDCE906 Datasheet HTML 15Page - Texas Instruments CDCE906 Datasheet HTML 16Page - Texas Instruments CDCE906 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
www.ti.com
XO
or
2 LVCMOS
or
Differential
Input
MUX
MUX
Divider M
225
Divider M
9
MUX
Divider M
375
PFD
Filter
VCO
PFD
Filter
VCO
Divider N
2048
Divider N
40
Divider N
3136
SO/AO/CLK_SEL
S1/A1
SCLOCK
Output Switch Matrix
PLL Bypass
60 MHZ (SSC on)
(DSP)
LV
CMOS
LV
CMOS
60 MHz (SSC off
(DSP)
30.72 MHz
(3G Baseband)
LV
CMOS
LV
CMOS
122.88 MHz
(3G RF Card))
27 MHz
(Video)
LV
CMOS
LV
CMOS
EEPROM
LOGIC
22.5792 MHz
(Audio)
PFD
Filter
VCO
SDATA
P0−Div
2
P1−Div
8
P2−Div
2
P3−Div
2
P4−Div
10
P5−Div
1
CLK_IN0
CLK_IN1
27 MHz
Crystal
SSC
SMBus
Y5
Y4
Y3
Y2
Y1
Y0
fVCO1 = 245.76 MHz
fVCO2 = 120 MHz
fVCO2 = 225.792 MHz
PLL3
PLL1
PLL2
w/SSC
fout +
fin
N
M
P
, i.e. fout +
27 MHz
3136
(375
10)
+ 22.5792 MHz
(1)
CDCE906
SCAS814 – NOVEMBER 2005
NOTE: All outputs are enabled and in non-inverting mode. S0, S1, and SSC comply according the default setting described in
Byte 10 and Byte 25 respectively.
Figure 8. Default Device Setting
The output frequency can be calculated:
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com