Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE906 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE906
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE906 Datasheet(HTML) 21 Page - Texas Instruments

Back Button CDCE906 Datasheet HTML 17Page - Texas Instruments CDCE906 Datasheet HTML 18Page - Texas Instruments CDCE906 Datasheet HTML 19Page - Texas Instruments CDCE906 Datasheet HTML 20Page - Texas Instruments CDCE906 Datasheet HTML 21Page - Texas Instruments CDCE906 Datasheet HTML 22Page - Texas Instruments CDCE906 Datasheet HTML 23Page - Texas Instruments CDCE906 Datasheet HTML 24Page - Texas Instruments CDCE906 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
www.ti.com
XO
or
2LVCMOS
or
Differential
input
CLK_IN0
CLK_IN1
CLK_SEL (A)
XO
or
2LVCMOS
or
Differential
input
CLK_IN0
CLK_IN1
Input source select
(from EEPROM)
PLL Configuration and Setting
CDCE906
SCAS814 – NOVEMBER 2005
For example, if a 27-MHz crystal with ESR of 50
Ω is used and 2 × C
L is 18 pF, the drive power is 21 µW. Drive
level should be held to a minimum to avoid over driving the crystal. The maximum power dissipation is specified
for each type of crystal in the oscillator specifications, i.e., 100
µW for the example above.
Single-Ended LVCMOS Clock Inputs
When selecting the LVCMOS clock mode, CLK_IN0 and CLK_IN1 act as regular clock inputs pins and can be
driven up to 200 MHz. Both clock inputs circuitry are equal in design and can be used independently to each
other (see Figure 12). The internal clock select bit, Byte 10, Bit [4], selects one of the two input clocks. CLK_IN0
is the default selection. There is also the option to program the external control pin S0/A0/CLK_SEL as clock
select pin, Byte 10, Bit [1:0].
The two clock inputs can be used for redundancy switching, i.e. to switch between a primary clock and
secondary clock. Note a phase difference between the clock inputs may require PLL correction. Also in case of
different frequencies between the primary and secondary clock, the PLL has to re-lock to the new frequency.
A.
CLK_SEL is optional and can be configured by EEPROM setting.
Figure 12. LVCMOS Clock Input Circuitry
Differential Clock Inputs
The CDCE906 supports differential signaling as well. In this mode, CLK_IN0 and CLK_IN1 pin serve as
differential signal inputs and can be driven up to 200 MHz.
The minimum magnitude of the differential input voltage is 400mV over a differential common-mode input voltage
range of 300 mV to VCC– 1. If LVDS or LVPECL signal levels are applied, ac-coupling and a biasing structure is
recommended to adjust the different physical layers (see Figure 13). The capacitor removes the dc component of
the signal (common-mode voltage), while the ac component (voltage swing) is passed on. A resistor pull-up
and/or pull-down network represents the biasing structure used to set the common-mode voltage on the receiver
side of the ac-coupling capacitor.
Figure 13. Differential Clock Input Circuitry
The CDCE906 includes three PLLs which are equal in function and performance. Except PLL2 which in addition
supports spread spectrum clocking (SSC) generation. Figure 14 shows the block diagram of the PLL.
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com