Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV19WSG Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAV19WSG
Description  Small Signal Switching Diodes, High Voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAV19WSG Datasheet(HTML) 2 Page - Vishay Siliconix

  BAV19WSG Datasheet HTML 1Page - Vishay Siliconix BAV19WSG Datasheet HTML 2Page - Vishay Siliconix BAV19WSG Datasheet HTML 3Page - Vishay Siliconix BAV19WSG Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAV19WS-G, BAV20WS-G, BAV21WS-G
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 12-Jul-17
2
Document Number: 83423
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current vs. Forward Voltage
Fig. 2 - Admissible Forward Current vs. Ambient Temperature
Fig. 3 - Admissible Power Dissipation vs. Ambient Temperature
Fig. 4 - Dynamic Forward Resistance vs. Forward Current
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 100 mA
VF
1V
IF = 200 mA
VF
1.25
V
Reverse leakage current
VR = 100 V
BAV19WS-G
IR
100
nA
VR = 100 V, Tj = 100 °C
BAV19WS-G
IR
15
μA
VR = 150 V
BAV20WS-G
IR
100
nA
VR = 150 V, Tj = 100 °C
BAV20WS-G
IR
15
μA
VR = 200 V
BAV21WS-G
IR
100
nA
VR = 200 V, Tj = 100 °C
BAV21WS-G
IR
15
μA
Dynamic Forward resistance
IF = 10 mA
rf
5
Ω
Diode capacitance
VR = 0 V, f = 1 MHz
CD
1.5
pF
Reverse recovery time
IF = 30 mA, IR = 30 mA,
iR = 3 mA, RL = 100
Ω
trr
50
ns
18858
1000
100
10
1
0.1
0.01
0
0.4
0.6
0.8
1
0.2
VF - Forward Voltage (V)
Tj = 100 °C
25 °C
0.1
0.2
0.3
0
0
30
60
90
120
150
18859
Tamb - Ambient Temperature (°C)
I
Current (rectif.) O
DC current IF
200
18864
Tamb - Ambient Temperature (°C)
250
200
150
100
50
20 40 60 80 100 120 140 160 180
0
0
10
100
1
1
100
10
18861
IF - Forward Current (mA)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com