Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV19WSG Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BAV19WSG
Description  Small Signal Switching Diodes, High Voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAV19WSG Datasheet(HTML) 3 Page - Vishay Siliconix

  BAV19WSG Datasheet HTML 1Page - Vishay Siliconix BAV19WSG Datasheet HTML 2Page - Vishay Siliconix BAV19WSG Datasheet HTML 3Page - Vishay Siliconix BAV19WSG Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BAV19WS-G, BAV20WS-G, BAV21WS-G
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 12-Jul-17
3
Document Number: 83423
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Leakage Current vs. Junction Temperature
Fig. 6 - Capacitance vs. Reverse Voltage
PACKAGE DIMENSIONS in millimeters (inches): SOD-323
0.1
18862_2
1
10
100
1000
0
40
80
120
160
200
Tj - Junction Temperature (°C)
Reverse Voltage
BAV19WS-G VR = 100 V
BAV20WS-G VR = 150 V
BAV21WS-G VR = 200 V
18863
110
0.1
0.8
0.6
0.4
1.4
1.2
1.0
0.2
0
100
VR - Reverse Voltage (V)
2.0
1.8
1.6
=25
°C
Tj
Rev. 6 - Date: 23.Sept.2016
17443
Document no.: S8-V-3910.02-001 (4)
Created - Date: 24.August.2004
Footprint recommendation:
2.50 [0.098]
2.85 [0.112]
1.60 [0.063]
1.95 [0.077]
0.25 [0.010]
0.40 [0.016]
Cathode bar
1.6 [0.063]
0.8 [0.031]
0.8 [0.031]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com